Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQP17N08L Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQP17N08L
Description  80V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP17N08L Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQP17N08L Datasheet HTML 1Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 2Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 3Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 4Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 5Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 6Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 7Page - Fairchild Semiconductor FQP17N08L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
December 2000
Rev. A2, December 2000
QFET
QFET
QFET
QFETTM
FQP17N08L
80V LOGIC N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize
on-state
resistance,
provide
superior
switching
performance, and withstand a high energy pulse in the
avalanche and commutation modes. These devices are
well suited for low voltage applications such as automotive,
high efficiency switching for DC/DC converters, and DC
motor control.
Features
• 16.5A, 80V, RDS(on) = 0.1Ω @VGS = 10 V
• Low gate charge ( typical 8.8 nC)
• Low Crss ( typical 29 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
• Low level gate drive requirements allowing
direct operation from logic drives
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQP17N08L
Units
VDSS
Drain-Source Voltage
80
V
ID
Drain Current
- Continuous (TC = 25°C)
16.5
A
- Continuous (TC = 100°C)
11.6
A
IDM
Drain Current
- Pulsed
(Note 1)
66
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
100
mJ
IAR
Avalanche Current
(Note 1)
16.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
6.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.5
V/ns
PD
Power Dissipation (TC = 25°C)
65
W
- Derate above 25°C
0.43
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.31
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-220
FQP Series
G
S
D


Numéro de pièce similaire - FQP17N08L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQP17N08 FAIRCHILD-FQP17N08 Datasheet
603Kb / 8P
   80V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP17N08 ISC-FQP17N08 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQP17N08L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB17N08L FAIRCHILD-FQB17N08L Datasheet
571Kb / 9P
   80V LOGIC N-Channel MOSFET
FQD9N08L FAIRCHILD-FQD9N08L Datasheet
543Kb / 9P
   80V LOGIC N-Channel MOSFET
FQPF17N08L FAIRCHILD-FQPF17N08L Datasheet
556Kb / 8P
   80V LOGIC N-Channel MOSFET
FQPF9N08L FAIRCHILD-FQPF9N08L Datasheet
552Kb / 8P
   80V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD17N08L KERSEMI-KSMD17N08L Datasheet
1Mb / 8P
   80V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
555Kb / 9P
   80V LOGIC N-Channel MOSFET
FQP9N08L FAIRCHILD-FQP9N08L Datasheet
541Kb / 8P
   80V LOGIC N-Channel MOSFET
FQB9N08L FAIRCHILD-FQB9N08L Datasheet
612Kb / 9P
   80V LOGIC N-Channel MOSFET
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com