Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS56428DDAR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS56428DDAR
Description  4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS56428DDAR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS56428DDAR Datasheet HTML 1Page - Texas Instruments TPS56428DDAR Datasheet HTML 2Page - Texas Instruments TPS56428DDAR Datasheet HTML 3Page - Texas Instruments TPS56428DDAR Datasheet HTML 4Page - Texas Instruments TPS56428DDAR Datasheet HTML 5Page - Texas Instruments TPS56428DDAR Datasheet HTML 6Page - Texas Instruments TPS56428DDAR Datasheet HTML 7Page - Texas Instruments TPS56428DDAR Datasheet HTML 8Page - Texas Instruments TPS56428DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Vout( 50mV/div)
Iout( 2A/div)
100us/div
TPS56428
TPS56428
www.ti.com
SLVSBV4A – APRIL 2013 – REVISED APRIL 2013
4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode™
Check for Samples: TPS56428
1
FEATURES
DESCRIPTION
The TPS56428 is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter.
Response
The
TPS56428
enables
system
designers
to
Low Output Ripple and Allows Ceramic Output
complete the suite of various end-equipment power
Capacitor
bus regulators with a cost effective, low component
Wide VIN Input Voltage Range: 4.5 V to 18 V
count, low standby current solution.
Output Voltage Range: 0.6 V to 7.0 V
The main control loop for the TPS56428 uses the D-
Highly Efficient Integrated FETs Optimized
CAP2™ mode control that provides a fast transient
for Lower Duty Cycle Applications
response
with
no
external
compensation
– 68 m
Ω (High Side) and 37 mΩ (Low Side)
components.
High Efficiency, Less Than 10
μA at Shutdown
The adaptive on-time control supports seamless
High Initial Bandgap Reference Accuracy
transition
between
PWM
mode
at
higher
load
conditions and advanced Eco-mode™ operation at
Pre-Biased Soft Start
light loads.
650-kHz Switching Frequency (fSW)
Advanced Eco-mode™ allows the TPS56428 to
Cycle By Cycle Over Current Limit
maintain high efficiency during lighter load conditions.
Advanced Auto-Skip Eco-mode™ for High
The TPS56428 also has a proprietary circuit that
Efficiency at Light Load
enables the device to adopt to both low equivalent
Power Good output
series resistance (ESR) output capacitors, such as
Fixed Soft Start : 1.0ms
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18 V
APPLICATIONS
VIN input.
Wide Range of Applications for Low Voltage
The output voltage can be programmed between
System
0.6V and 7.0V.
Digital TV Power Supply
The device also features a fixed 1 msec soft start
High Definition Blu-ray Disc™ Players
time.
Networking Home Terminal
The TPS56428 is available in 8-pin DDA package
and is designed to operate over the ambient
Digital Set Top Box (STB)
temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS56428DDAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56428DDAR TI1-TPS56428DDAR Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
More results

Description similaire - TPS56428DDAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54428 TI1-TPS54428 Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56528 TI-TPS56528 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com