Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55330RTET Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS55330RTET
Description  Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS55330RTET Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS55330RTET Datasheet HTML 2Page - Texas Instruments TPS55330RTET Datasheet HTML 3Page - Texas Instruments TPS55330RTET Datasheet HTML 4Page - Texas Instruments TPS55330RTET Datasheet HTML 5Page - Texas Instruments TPS55330RTET Datasheet HTML 6Page - Texas Instruments TPS55330RTET Datasheet HTML 7Page - Texas Instruments TPS55330RTET Datasheet HTML 8Page - Texas Instruments TPS55330RTET Datasheet HTML 9Page - Texas Instruments TPS55330RTET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
0
200
400
600
800
1000
1200
1400
1600
30
100
500
Resistance (k
Ω)
G005
0
200
400
600
800
1000
1200
1400
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
RFREQ = 40 kΩ
RFREQ = 80 kΩ
RFREQ = 480 kΩ
G006
1.22
1.222
1.224
1.226
1.228
1.23
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G003
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
125
150
VIN = 3 V
VIN = 5 V
VIN = 12 V
Temperature (°C)
G004
300
320
340
360
380
400
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G001
1
2
3
4
5
6
7
8
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G002
TPS55330
SLVSBX8 – MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS
VIN = 5 V, TA = 25°C (unless otherwise noted)
Figure 1. Error Amplifier Transconductance vs Temperature
Figure 2. Switch Current Limit vs Temperature
Figure 3. Feedback Voltage Reference vs Temperature
Figure 4. RDS(ON) vs Temperature
Figure 5. Frequency vs FREQ Resistance
Figure 6. Frequency vs Temperature
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS55330


Numéro de pièce similaire - TPS55330RTET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results

Description similaire - TPS55330RTET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com