Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N139SM Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce 6N139SM
Description  Dual-Channel: HCPL2730M, HCPL2731M (Preliminary) Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139SM Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button 6N139SM Datasheet HTML 6Page - Fairchild Semiconductor 6N139SM Datasheet HTML 7Page - Fairchild Semiconductor 6N139SM Datasheet HTML 8Page - Fairchild Semiconductor 6N139SM Datasheet HTML 9Page - Fairchild Semiconductor 6N139SM Datasheet HTML 10Page - Fairchild Semiconductor 6N139SM Datasheet HTML 11Page - Fairchild Semiconductor 6N139SM Datasheet HTML 12Page - Fairchild Semiconductor 6N139SM Datasheet HTML 13Page - Fairchild Semiconductor 6N139SM Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
10
Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
Through Hole
Surface Mount – 0.3" Lead Spacing (Option S)
Note:
All dimensions are in inches (millimeters)
0.4" Lead Spacing (Option TV) (Pending)
8-Pin Surface Mount DIP – Land Pattern
(Option S)
0.200 (5.08)
MAX
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51)
MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
0.156 (3.94)
0.144 (3.68)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15
° MAX
PIN 1
ID.
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.156 (3.94)
0.144 (3.68)
0.300 (7.62)
TYP
0.405 (10.30)
MAX.
0.315 (8.00)
MIN
0.015 (0.40) MIN
Both Sides
32
1
4
56
7
8
0.016 (0.40)
0.008 (0.20)
PIN 1
ID.
0.200 (5.08)
MAX
0.100 (2.54) TYP
0.022 (0.56)
0.031 (0.78)
0.016 (0.41)
0.020 (0.51)
MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.156 (3.94)
0.144 (3.68)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0
° to 15°
PIN 1
ID.
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
0.200 (5.08)
MAX


Numéro de pièce similaire - 6N139SM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N139S FAIRCHILD-6N139S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Everlight Electronics C...
6N139S(TA)-V EVERLIGHT-6N139S(TA)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
More results

Description similaire - 6N139SM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com