Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD97376Q4M Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD97376Q4M
Description  Synchronous Buck NexFET??Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD97376Q4M Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CSD97376Q4M Datasheet HTML 2Page - Texas Instruments CSD97376Q4M Datasheet HTML 3Page - Texas Instruments CSD97376Q4M Datasheet HTML 4Page - Texas Instruments CSD97376Q4M Datasheet HTML 5Page - Texas Instruments CSD97376Q4M Datasheet HTML 6Page - Texas Instruments CSD97376Q4M Datasheet HTML 7Page - Texas Instruments CSD97376Q4M Datasheet HTML 8Page - Texas Instruments CSD97376Q4M Datasheet HTML 9Page - Texas Instruments CSD97376Q4M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PWM
8
7
6
5
4
9
P
GND
1
V
IN
SKIP#
V
SW
V
DD
P
GND
BOOT
BOOT_R
2
3
CSD97376Q4M
SLPS422A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
PIN CONFIGURATION
Figure 14. Top View
PIN DESCRIPTION
PIN
DESCRIPTION
NO.
NAME
1
SKIP#
This pin enables the Diode Emulation function. When this pin is held Low, Diode Emulation Mode is enabled for the
Sync FET. When SKIP# is High, the CSD97376Q4M operates in Forced Continuous Conduction Mode. A tri-state
voltage on SKIP# puts the driver into a very low power state.
2
VDD
Supply Voltage to Gate Drivers and internal circuitry.
3
PGND
Power Ground, Needs to be connected to Pin 9 and PCB
4
VSW
Voltage Switching Node – pin connection to the output inductor.
5
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
6
BOOT_R
Bootstrap capacitor connection. Connect a minimum 0.1µF 16V X5R, ceramic cap from BOOT to BOOT_R pins. The
bootstrap capacitor provides the charge to turn on the Control FET. The bootstrap diode is integrated.
7
BOOT
8
PWM
Pulse Width modulated 3-state input from external controller. Logic Low sets Control FET gate low and Sync FET gate
high. Logic High sets Control FET gate high and Sync FET gate Low. Open or High Z sets both MOSFET gates low if
greater than the 3-State Shutdown Hold-off Time (t3HT)
9
PGND
Power Ground
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Numéro de pièce similaire - CSD97376Q4M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD97370AQ5M TI-CSD97370AQ5M Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M_15 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M TI-CSD97370Q5M Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI-CSD97370Q5M Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Description similaire - CSD97376Q4M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com