Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC245MTC Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74AC245MTC
Description  Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC245MTC Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AC245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 9Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC245, 74ACT245 Rev. 1.5.0
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V
± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
7. Voltage range 5.0 is 5.0V
± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
An to Bn or Bn to An
3.3
1.5
5.0
8.5
1.0
9.0
ns
5.0
1.5
3.5
6.5
1.0
7.0
tPHL
Propagation Delay,
An to Bn or Bn to An
3.3
1.5
5.0
8.5
1.0
9.0
ns
5.0
1.5
3.5
6.0
1.0
7.0
tPZH
Output Enable Time
3.3
2.5
7.0
11.5
2.0
12.5
ns
5.0
1.5
5.0
8.5
1.0
9.0
tPZL
Output Enable Time
3.3
2.5
7.5
12.0
2.0
13.5
ns
5.0
1.5
5.5
9.0
1.0
9.5
tPHZ
Output Disable Time
3.3
2.0
6.5
12.0
1.0
12.5
ns
5.0
1.5
5.5
9.0
1.0
10.0
tPLZ
Output Disable Time
3.3
2.0
7.0
11.5
1.5
13.0
ns
5.0
1.5
5.5
9.0
1.0
10.0
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
An to Bn or Bn to An
5.0
1.5
4.0
7.5
1.5
8.0
ns
tPHL
Propagation Delay,
An to Bn or Bn to An
5.0
1.5
4.0
8.0
1.0
9.0
ns
tPZH
Output Enable Time
5.0
1.5
5.0
10.0
1.5
11.0
ns
tPZL
Output Enable Time
5.0
1.5
5.5
10.0
1.5
12.0
ns
tPHZ
Output Disable Time
5.0
1.5
5.5
10.0
1.0
11.0
ns
tPLZ
Output Disable Time
5.0
2.0
5.0
10.0
1.5
11.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CI/O
Input/Output Capacitance
VCC = 5.0V
15.0
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
45.0
pF


Numéro de pièce similaire - 74AC245MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC245MTC FAIRCHILD-74AC245MTC Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245MTC FAIRCHILD-74AC245MTC Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74AC245MTC ONSEMI-74AC245MTC Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
More results

Description similaire - 74AC245MTC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com