Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-6630 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-6630
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-6630 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-6630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
 Dual marked with device part number and DLA
drawing number
 Manufactured and tested on a MIL-PRF-38534
Certified Line
 QML-38534, Class H and K
 Five hermetically sealed package configurations
 Performance guaranteed over full military
temperature range: -55°C to +125°C
 High speed: 10 Mbd typical
 CMR: > 10,000 V/μs typical
 1500 Vdc withstand test voltage
 2500 Vdc withstand test voltage for HCPL-565X
 High radiation immunity
 6N137, HCPL-2601, HCPL-2630/31 function
compatibility
 Reliability data
 TTL circuit compatibility
Applications
 Military and aerospace
 High reliability systems
 Transportation, medical, and life critical systems
 Line receiver
 Voltage level shifting
 Isolated input line receiver
 Isolated output line driver
 Logic ground isolation
 Harsh industrial environments
 Isolation for computer, communication, and test
equipment systems
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
The connection of a 0.1 μF bypass capacitor between V
CC
and GND is recommended.
6N134,* 81028, HCPL-563X, HCPL-663X,
HCPL-565X, 5962-98001, HCPL-268K,
HCPL-665X, 5962-90855, HCPL-560X
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Data Sheet
*See matrix for available extensions.
Description
These units are single, dual and quad channel, hermeti-
cally sealed optocouplers. The products are capable of
operation and storage over the full military temperature
range and can be purchased as either standard product
or with full MIL-PRF-38534 Class Level H or K testing or
from the appropriate DLA Drawing. All devices are man-
ufactured and tested on a MIL-PRF-38534 certified line
and are included in the DLA Qualified Manufacturers
List QML-38534 for Hybrid Microcircuits. Quad channel
devices are available by special order in the 16 pin DIP
through hole packages.
Functional Diagram
VCC
VOUT
VE
GND
Truth Table (Positive Logic)
Multichannel Devices
Input
Output
On (H)
L
Off (L)
H
Single Channel DIP
Input
Enable
Output
On (H)
H
L
Off (L)
H
H
On (H)
L
H
Off (L)
L
H
Multiple channel devices available


Numéro de pièce similaire - HCPL-6630

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-6630 HP-HCPL-6630 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Description similaire - HCPL-6630

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com