Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5631 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-5631
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5631 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5631 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5631 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Absolute Maximum Ratings
No derating required up to +125°C.
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
T
S
-65
+150
°C
Operating Temperature
T
A
-55
+125
°C
Case Temperature
T
C
+170
°C
Junction Temperature
T
J
+175
°C
Lead Solder Temperature
260 for 10 sec
°C
Peak Forward Input Current
(each channel, ≤1 ms duration)
I
F(PEAK)
40
mA
Average Input Forward Current (each channel)
I
F(AVG)
20
mA
Input Power Dissipation (each channel)
35
mW
Reverse Input Voltage (each channel
V
R
5V
Supply Voltage (1 minute maximum)
V
CC
7.0
V
Output Current (each channel)
I
O
25
mA
Output Voltage (each channel)
V
O
7*
V
Output Power Dissipation (each channel)
P
O
40
mW
Package Power Dissipation (each channel)
P
D
200
mW
*Selection for higher output voltages up to 20 V is available
Single Channel Product Only
Enable Input Voltage
V
E
5.5
V
Note enable pin 7. An external 0.01 μF to 0.1 μF bypass capacitor must
be connected between V
CC
and ground for each package type.
8 Pin Ceramic DIP Single Channel Schematic
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-5600/01/0K
(
), Class 1
6N134, 6N134/883B, HCPL-5630/31/3K, HCPL-5650/51, HCPL-6630/31/3K and HCPL-6650/51/5K
(Dot), Class 3
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level, Each Channel
I
FL
0
250
μA
Input Current, High Level, Each Channel*
I
FH
10
20
mA
Supply Voltage, Output
V
CC
4.5
5.5
V
Fan Out (TTL Load) Each Channel
N
6
*Meets or exceeds DLA SMD and JEDEC requirements.


Numéro de pièce similaire - HCPL-5631

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5631 HP-HCPL-5631 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Description similaire - HCPL-5631

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com