Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT259D Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HCT259D
Description  8-bit addressable latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT259D Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HCT259D Datasheet HTML 1Page - NXP Semiconductors 74HCT259D Datasheet HTML 2Page - NXP Semiconductors 74HCT259D Datasheet HTML 3Page - NXP Semiconductors 74HCT259D Datasheet HTML 4Page - NXP Semiconductors 74HCT259D Datasheet HTML 5Page - NXP Semiconductors 74HCT259D Datasheet HTML 6Page - NXP Semiconductors 74HCT259D Datasheet HTML 7Page - NXP Semiconductors 74HCT259D Datasheet HTML 8Page - NXP Semiconductors 74HCT259D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
5 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
[1]
H = HIGH voltage level; L = LOW voltage level.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 12 mW/K above 70 C.
[3]
Ptot derates linearly with 8 mW/K above 70 C.
[4]
Ptot derates linearly with 5.5 mW/K above 60 C.
[5]
Ptot derates linearly with 4.5 mW/K above 60 C.
Table 4.
Operating mode select table[1]
LE
MR
Mode
L
H
Addressable latch mode
H
H
Memory mode
L
L
Demultiplexer mode
HL
Reset mode
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO > VCC + 0.5 V
[1] -
20
mA
IO
output current
VO = 0.5 V to VCC +0.5 V
-
25
mA
ICC
supply current
-
+70
mA
IGND
ground current
70
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
(T)SSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW


Numéro de pièce similaire - 74HCT259D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT259D PHILIPS-74HCT259D Datasheet
87Kb / 11P
   8-bit addressable latch
December 1990
74HCT259D NXP-74HCT259D Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Nexperia B.V. All right...
74HCT259D NEXPERIA-74HCT259D Datasheet
316Kb / 18P
   8-bit addressable latch
Rev. 8 - 5 December 2022
logo
NXP Semiconductors
74HCT259D-Q100 NXP-74HCT259D-Q100 Datasheet
261Kb / 20P
   8-bit addressable latch
Rev. 1-30 July 2012
logo
Nexperia B.V. All right...
74HCT259D-Q100 NEXPERIA-74HCT259D-Q100 Datasheet
287Kb / 17P
   8-bit addressable latch
Rev. 2 - 2 September 2020
More results

Description similaire - 74HCT259D

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com