Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842A-BW Fiches technique(PDF) 9 Page - First Components International

No de pièce UC3842A-BW
Description  Current Mode PWM Controller Low Start-Up and Operating Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

UC3842A-BW Fiches technique(HTML) 9 Page - First Components International

Back Button UC3842A-BW Datasheet HTML 2Page - First Components International UC3842A-BW Datasheet HTML 3Page - First Components International UC3842A-BW Datasheet HTML 4Page - First Components International UC3842A-BW Datasheet HTML 5Page - First Components International UC3842A-BW Datasheet HTML 6Page - First Components International UC3842A-BW Datasheet HTML 7Page - First Components International UC3842A-BW Datasheet HTML 8Page - First Components International UC3842A-BW Datasheet HTML 9Page - First Components International UC3842A-BW Datasheet HTML 10Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PAD LOCATION
Chip size: 2.38 x 1.63 mm
PAD LOCATION COORDINATES
Coordinates
µm
Pad N
Pad Name
X
Y
1
COMP
90
110
2
VFB
1050
110
3
ISENSE
1310
110
4
RT/CT
2000
150
5
POWER GND
1700
1280
6
GND
1680
1450
7
OUT
1310
1410
8
POWER VCC
990
1410
9
VCC
815
1410
10
VREF
460
1390
(UC3843A-BW/45A-BW)
UC384XA-BW Current Mode PWM Controller
UC384XA-BW Current Mode PWM Controller


Numéro de pièce similaire - UC3842A-BW

FabricantNo de pièceFiches techniqueDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A-D08-T UTC-UC3842A-D08-T Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A-S08-R UTC-UC3842A-S08-R Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A-S08-T UTC-UC3842A-S08-T Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Description similaire - UC3842A-BW

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
   Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
   Low Start-Up and Operating Current
logo
Guangdong Youtai Semico...
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com