Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431BCLT1 Fiches technique(PDF) 4 Page - First Components International

No de pièce TL431BCLT1
Description  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431BCLT1 Fiches technique(HTML) 4 Page - First Components International

  TL431BCLT1 Datasheet HTML 1Page - First Components International TL431BCLT1 Datasheet HTML 2Page - First Components International TL431BCLT1 Datasheet HTML 3Page - First Components International TL431BCLT1 Datasheet HTML 4Page - First Components International TL431BCLT1 Datasheet HTML 5Page - First Components International TL431BCLT1 Datasheet HTML 6Page - First Components International TL431BCLT1 Datasheet HTML 7Page - First Components International TL431BCLT1 Datasheet HTML 8Page - First Components International TL431BCLT1 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
2001-05-A
TL431 Programmable Precision Reference
--
1.8
4.0
Reference Input Current (Figure 2)
IK=10mA, R1=10k, R2=∞
TA=+25℃
TA=Tlow to Thigh (Note 1)
Iref
--
--
5.2
µA
Reference Input Current Deviation Over
Temperature Range (Figure 2, Note 1)
IK=10mA, R1=10k, R2=∞
ΔIref
--
0.4
1.2
µA
Minimum Cathode Current for Regulation
VKA=Vref (Figure 1)
Imin
--
0.5
1.0
mA
Off-State Cathode Current (Figure 3)
VKA=36V, Vref =0V
Ioff
--
260
1000
nA
Dynamic Impedance (Figure 1, Note 3)
VKA=Vref, ΔIK=1.0mA to 100mA, f< 1.0kHz
|ZKA|
--
0.22
0.5
Ω
1
Tlow=0℃,
Thigh=+70℃
2
The deviation parameter ΔVref is defined as the differences between the maximum and
minimum values obtained over the full operating ambient temperature range the applies.
The average temperature coefficient of the reference input voltage, αVref, is defined as:
αVref
C
°
ppm
=
A
ref
ref
T
C
V
V
×
°
6
10
25
@
=
)
25
@
(
10
6
C
V
T
V
ref
A
ref
°
×
αVref can be positive or negative depending on whether Vref Min of Vref Max occurs at the
lower ambient temperature. (Refer to Figure 6)
Example: ΔVref =8.0mV and slope is positive, Vref @25℃=2.495V, ΔTA=70℃
αVref =
)
495
.
2
(
70
10
008
.
0
6
×
=45.8 ppm/℃


Numéro de pièce similaire - TL431BCLT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
TL431BCLP MOTOROLA-TL431BCLP Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Texas Instruments
TL431BCLP TI-TL431BCLP Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
ON Semiconductor
TL431BCLP ONSEMI-TL431BCLP Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431BCLP TI-TL431BCLP Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BCLP TI-TL431BCLP Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Description similaire - TL431BCLT1

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com