Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA78M06 Fiches technique(PDF) 6 Page - Rohm

No de pièce BA78M06
Description  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA78M06 Fiches technique(HTML) 6 Page - Rohm

Back Button BA78M06 Datasheet HTML 2Page - Rohm BA78M06 Datasheet HTML 3Page - Rohm BA78M06 Datasheet HTML 4Page - Rohm BA78M06 Datasheet HTML 5Page - Rohm BA78M06 Datasheet HTML 6Page - Rohm BA78M06 Datasheet HTML 7Page - Rohm BA78M06 Datasheet HTML 8Page - Rohm BA78M06 Datasheet HTML 9Page - Rohm BA78M06 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
6/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●Electrical Characteristics BA78□□CP/FP
(Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=500mA
unless otherwise specified)
Parameter
Symbol
Type
Limit
Unit
Condition
Min
Typ
Max
Load Regulation 1
Reg.L1
05
-
15
100
mV
Io=5mA~1A
06
-
16
120
07
-
17
140
08
-
19
160
09
-
20
180
10
-
21
200
12
-
23
200
15
-
27
300
18
-
30
360
20
-
32
400
24
-
37
480
Load Regulation 2
Reg.L2
05
-
5
50
mV
Io=250mA~750mA
06
-
6
60
07
-
6
70
08
-
7
80
09
-
8
90
10
-
8
90
12
-
10
100
15
-
10
150
18
-
12
180
20
-
14
200
24
-
15
240
Output Noise
Voltage
Vn
05
-
40
-
µV
f=10Hz~100kHz
06
-
60
-
07
-
70
-
08
-
80
-
09
-
90
-
10
-
100
-
12
-
110
-
15
-
125
-
18
-
140
-
20
-
150
-
24
-
180
-
Bias Current
Ib
common
-
4.5
8.0
mA
Io=0mA
Bias Current Change 1
Ib1
common
-
-
0.5
mA
Io=5mA~1A
Bias Current Change 2
Ib2
05
-
-
0.8
mA
Vin:8~25V, Io=500mA
06
-
-
0.8
Vin:8.5~25V, Io=500mA
07
-
-
0.8
Vin:9.5~25V, Io=500mA
08
-
-
0.8
Vin:10.5~25V, Io=500mA
09
-
-
0.8
Vin:11.5~26V, Io=500mA
10
-
-
0.8
Vin:12.5~27V, Io=500mA
12
-
-
0.8
Vin:14.5~30V, Io=500mA
15
-
-
0.8
Vin:17.5~30V, Io=500mA
18
-
-
0.8
Vin:21~33V, Io=500mA
20
-
-
0.8
Vin:23~33V, Io=500mA
24
-
-
0.8
Vin:27~33V, Io=500mA
Short-Circuit
Output Current
Ios
05/06/07/08
-
0.6
-
A
Vin=25V
09/10/12/15/18/20/24
-
0.3
-
Vin=30V
Output Resistance
Ro
05
-
9
-
m
f=1kHz
06
10
-
07
10
-
08
10
-
09
-
10
-
10
-
11
-
12
-
12
-
15
-
14
-
18
-
17
-
20
-
19
-
24
-
27
-


Numéro de pièce similaire - BA78M06

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA78M06 ROHM-BA78M06 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M06 ROHM-BA78M06 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M06 ROHM-BA78M06 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
BA78M06 ROHM-BA78M06 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M06CP ROHM-BA78M06CP Datasheet
361Kb / 6P
   Three-Terminal Regulator
More results

Description similaire - BA78M06

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com