Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA78M24FP Fiches technique(PDF) 1 Page - Rohm

No de pièce BA78M24FP
Description  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA78M24FP Fiches technique(HTML) 1 Page - Rohm

  BA78M24FP Datasheet HTML 1Page - Rohm BA78M24FP Datasheet HTML 2Page - Rohm BA78M24FP Datasheet HTML 3Page - Rohm BA78M24FP Datasheet HTML 4Page - Rohm BA78M24FP Datasheet HTML 5Page - Rohm BA78M24FP Datasheet HTML 6Page - Rohm BA78M24FP Datasheet HTML 7Page - Rohm BA78M24FP Datasheet HTML 8Page - Rohm BA78M24FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
78 Series Regulators
1A Output 78 series Regulators
500mA Output 78 series Regulators
BA78□□Series,BA78M□□Series
●Description
BA78□□, BA78M□□ series are three-terminal regulators available with several fixed output voltages. It supplies the
stable fixes voltage from unstable direct input voltage. The useful output voltage lineup is 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V,
18V, 20V, 24V with 0.5A / 1A current ability. They have nearly same electric characteristics as competitor products and cover
a wide range of application.
●Features
1) Built-in over-current protection circuit and thermal shutdown circuit
2) High ripple rejection
3) Available TO220CP-3, TO252-3 package to a wide range application
4) Compatible replacement to competitor products
5) Various voltage lineup (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V)
●Applications
Fixed voltage power supply for TV, Audio components, etc
●Line up
■1A BA78□□Series
Part Number
5V
6V
7V
8V
9V
10V
12V
15V
18V
20V
24V
Package
BA78□□CP
TO220CP-3
BA78□□FP
TO252-3
■0.5A BA78M□□Series
Part Number
5V
6V
7V
8V
9V
10V
12V
15V
18V
20V
24V
Package
BA78M□□CP
TO220CP-3
BA78M□□FP
TO252-3
●Output Voltage and Marking
Part Number:BA78□□□□
(1A)
Part Number:BA78M□□□□
(0.5A)
Symbol
assignment of output voltage
Symbol
assignment of output voltage
a
□□
Output voltage(V) □□ Output voltage(V)
a
□□ Output voltage(V) □□ Output voltage(V)
05
5.0V typ.
12
12V typ.
05
5.0V typ.
12
12V typ.
06
6.0V typ.
15
15V typ.
06
6.0V typ.
15
15V typ.
07
7.0V typ.
18
18V typ.
07
7.0V typ.
18
18V typ.
08
8.0V typ.
20
20V typ.
08
8.0V typ.
20
20V typ.
09
9.0V typ.
24
24V typ.
09
9.0V typ.
24
24V typ.
10
10.0V typ.
10
10.0V typ.
b
Package
b
Package
CP:TO220CP-3
CP:TO220CP-3
FP:TO252-3
FP:TO252-3
No.12019ECT01
b
a
b
a


Numéro de pièce similaire - BA78M24FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA78M24FP ROHM-BA78M24FP Datasheet
366Kb / 6P
   Three-Terminal Regulator
BA78M24FP ROHM-BA78M24FP Datasheet
363Kb / 6P
   Three-Terminal Regulator
BA78M24FP ROHM-BA78M24FP Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M24FP ROHM-BA78M24FP Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M24FP-E2 ROHM-BA78M24FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Description similaire - BA78M24FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com