Moteur de recherche de fiches techniques de composants électroniques |
|
BA8522RFV Fiches technique(PDF) 8 Page - Rohm |
|
BA8522RFV Fiches technique(HTML) 8 Page - Rohm |
8 / 49 page Technical Note 8/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Electrical characteristics ○ BA4584 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA4584FV Min. Typ. Max. Input Offset Voltage (*16) Vio 25℃ - 0.3 3 mV Rs≦10[kΩ] Input Offset Current (*16) Iio 25℃ - 5 200 nA Input Bias Current (*17) Ib 25℃ - 100 500 nA Large Signal Voltage Gain AV 25℃ 90 110 - dB RL≧10[kΩ], VOUT=±10[V] Maximum Output Voltage VOM 25℃ ±12 ±13.5 - V RL≧2[kΩ] Input Common-mode Voltage Range Vicm 25℃ ±12 ±13.5 - V Common-mode Rejection Ratio CMRR 25℃ 80 110 - dB Rs≦10[kΩ] Power Supply Rejection Ratio PSRR 25℃ 80 110 - dB Rs≦10[kΩ] Supply Current ICC 25℃ - 12 18 mA RL=∞ All Op-Amps, VIN+=0[V] Slew Rate SR 25℃ - 5 - V/μsRL≧2[kΩ] Unity Gain Frequency ft 25℃ - 5 - MHz RL=2[kΩ] Total Harmonic Distortion THD 25℃ - 0.0005 - % Av=20[dB], VOUT=5[Vrms] RL=2[kΩ]f=1[kHz] 20[Hz]~20[kHz] BPF Input Referred Noise Voltage Vn 25℃ - 0.8 - μVrms RIAA, Rs=2.2[kΩ], 30[kHz] LPF (*16) Absolute value (*17) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. ● Electrical characteristics ○ BA4584R family (Unless otherwise specified VCC=+9.5[V], VEE=-9.5[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA4584R F/FV Min. Typ. Max. Input Offset Voltage (*18) Vio 25℃ - 0.3 3 mV Rs≦10[kΩ] Input Offset Current (*18) Iio 25℃ - 5 200 nA Input Bias Current (*19) Ib 25℃ - 100 500 nA Large Signal Voltage Gain AV 25℃ 90 110 - dB RL≧10[kΩ], VOUT=±10[V] Maximum Output Voltage VOM 25℃ ±6.5 ±8 - V RL≧2[kΩ] Input Common-mode Voltage Range Vicm 25℃ ±6.5 ±8 - V Common-mode Rejection Ratio CMRR 25℃ 80 110 - dB Rs≦10[kΩ] Power Supply Rejection Ratio PSRR 25℃ 80 110 - dB Rs≦10[kΩ] Supply Current ICC 25℃ - 11 17 mA RL=∞ All Op-Amps, VIN+=0[V] Slew Rate SR 25℃ - 5 - V/μsRL≧2[kΩ] Unity Gain Frequency ft 25℃ - 5 - MHz RL=2[kΩ] Total Harmonic Distortion THD 25℃ - 0.0005 - % Av=20[dB], VOUT=5[Vrms] RL=2[kΩ], f=1[kHz] 20[Hz]~20[kHz] BPF Input Referred Noise Voltage Vn 25℃ - 0.8 - μVrms RIAA, Rs=2.2[kΩ], 30[kHz] LPF (*18) Absolute value (*19) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
Numéro de pièce similaire - BA8522RFV |
|
Description similaire - BA8522RFV |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |