Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA4558RF Fiches technique(PDF) 10 Page - Rohm

No de pièce BA4558RF
Description  Low Noise Operational Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Fiches technique(HTML) 10 Page - Rohm

Back Button BA4558RF Datasheet HTML 6Page - Rohm BA4558RF Datasheet HTML 7Page - Rohm BA4558RF Datasheet HTML 8Page - Rohm BA4558RF Datasheet HTML 9Page - Rohm BA4558RF Datasheet HTML 10Page - Rohm BA4558RF Datasheet HTML 11Page - Rohm BA4558RF Datasheet HTML 12Page - Rohm BA4558RF Datasheet HTML 13Page - Rohm BA4558RF Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Technical Note
10/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum rating (Ta=25[℃])
BA15218/BA14741/BA15532 family
Parameter
Symbol
Ratings
Unit
BA15218 family
BA14741 family
BA15532 family
Supply Voltage
VCC-VEE
36
42
V
Differential Input Voltage
(*22)
Vid
VCC-VEE
±0.5
(*23)
V
Input Common-mode voltage range
Vicm
VEE~VCC
V
Operating Supply Voltage
Vopr
4~32 (±2~±16)
4~36 (±2~±18)
6~40 (±3~±20)
V
Input Current
Ii
-
±10
mA
Operating Temperature
Topr
-40+85
-20~+75
Storage Temperature
Tstg
-55~+125
Output Short Current
(*24)
Iomax
±50
-
mA
Output Short Time
(*24)
Ts
-
unlimited
(only 1CH short)
unlimited
Sec
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*22) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(*23) Don’t over input current ±10mA. Built-in resistor for protection because of over current with differential input voltage above 0.5 .
(*24) Limit within Pd.
Electrical characteristics
BA15218 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA15218F
Min.
Typ.
Max.
Input Offset Voltage
(*25)
Vio
25℃
-
0.5
5.0
mV
Rs≦10[kΩ]
Input Offset Current
(*25)
Iio
25℃
-
5
200
nA
Input Bias Current
(*26)
Ib
25℃
-
50
500
nA
Large Signal Voltage Gain
Av
25℃
86
110
-
dB
RL≧2[kΩ], Vo=±10[V]
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
76
90
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
5.0
8.0
mA
Vin=0, RL=∞
Maximum Output Voltage
VOH
25℃
±12
±14
-
V
RL≧10[kΩ]
VOL
25℃
±10
±13
-
V
RL≧2[kΩ]
Slew Rate
SR
25℃
-
3.0
-
V/μs GV=0[dB], RL=2[kΩ]
Gain Bandwidth Product
GBW
25℃
-
10
-
MHz f=10[KHz]
Input Referred Noise Voltage
Vn
25℃
-
1.0
-
μVrms RS=1[kΩ],
BW=20[Hz]~30[kHz], RIAA
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz] input referred
(*25) Absolute value
(*26) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Numéro de pièce similaire - BA4558RF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4558RF ROHM-BA4558RF Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA4558RF ROHM-BA4558RF Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA4558RF ROHM-BA4558RF Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4558RF ROHM-BA4558RF Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

Description similaire - BA4558RF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com