Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2543CDWR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC2543CDWR
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDWR Fiches technique(HTML) 5 Page - Texas Instruments

  TLC2543CDWR Datasheet HTML 1Page - Texas Instruments TLC2543CDWR Datasheet HTML 2Page - Texas Instruments TLC2543CDWR Datasheet HTML 3Page - Texas Instruments TLC2543CDWR Datasheet HTML 4Page - Texas Instruments TLC2543CDWR Datasheet HTML 5Page - Texas Instruments TLC2543CDWR Datasheet HTML 6Page - Texas Instruments TLC2543CDWR Datasheet HTML 7Page - Texas Instruments TLC2543CDWR Datasheet HTML 8Page - Texas Instruments TLC2543CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.5 V to 5.5 V, f(I/O CLOCK) = 4.1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC2543C, TLC2543I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VCC = 4.5 V,
IOH = –1.6 mA
2.4
V
VOH
High-level output voltage
VCC = 4.5 V to 5.5 V,
IOH = –20 µA
VCC – 0.1
V
VOL
Low level output voltage
VCC = 4.5 V,
IOL = 1.6 mA
0.4
V
VOL
Low-level output voltage
VCC = 4.5 V to 5.5 V,
IOL = 20 µA
0.1
V
IOZ
High-impedance off-state output
VO = VCC,
CS at VCC
1
2.5
µA
IOZ
g
current
VO = 0,
CS at VCC
1
– 2.5
µA
IIH
High-level input current
VI = VCC
1
2.5
µA
IIL
Low-level input current
VI = 0
1
– 2.5
µA
ICC
Operating supply current
CS at 0 V
1
2.5
mA
ICC(PD) Power-down current
For all digital inputs,
0
≤ VI ≤ 0.5 V or VI ≥ VCC – 0.5 V
4
25
µA
Selected channel leakage
Selected channel at VCC, Unselected channel at 0 V
1
Selected channel leakage
current
Selected channel at 0 V,
Unselected channel at VCC
– 1
µA
Maximum static analog
reference current into REF +
Vref + = VCC,
Vref – = GND
1
2.5
µA
Ci
Input
Analog inputs
30
60
pF
Ci
capacitance
Control inputs
5
15
pF
† All typical values are at VCC = 5 V, TA = 25°C.
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.5 V to 5.5 V, f(I/O CLOCK) = 4.1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC2543M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VCC = 4.5 V,
IOH = –1.6 mA
2.4
V
VOH
High-level output voltage
VCC = 4.5 V to 5.5 V,
IOH = –20 µA
VCC – 0.1
V
VOL
Low level output voltage
VCC = 4.5 V,
IOL = 1.6 mA
0.4
V
VOL
Low-level output voltage
VCC = 4.5 V to 5.5 V,
IOL = 20 µA
0.1
V
IOZ
High-impedance off-state output
VO = VCC,
CS at VCC
1
2.5
µA
IOZ
g
current
VO = 0,
CS at VCC
1
– 2.5
µA
IIH
High-level input current
VI = VCC
1
10
µA
IIL
Low-level input current
VI = 0
1
– 10
µA
ICC
Operating supply current
CS at 0 V
1
2.5
mA
ICC(PD) Power-down current
For all digital inputs,
0
≤ VI ≤ 0.5 V or VI ≥ VCC – 0.5 V
4
25
µA
Selected channel leakage
Selected channel at VCC, Unselected channel at 0 V
10
Selected channel leakage
current
Selected channel at 0 V,
Unselected channel at VCC
– 10
µA
Maximum static analog
reference current into REF +
Vref + = VCC,
Vref – = GND
1
2.5
µA
Ci
Input
Analog inputs
30
60
pF
Ci
capacitance
Control inputs
5
15
pF
† All typical values are at VCC = 5 V, TA = 25°C.


Numéro de pièce similaire - TLC2543CDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWRG4 TI-TLC2543CDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Description similaire - TLC2543CDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com