Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16601DLG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74ALVCH16601DLG4
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16601DLG4 Fiches technique(HTML) 1 Page - Texas Instruments

  74ALVCH16601DLG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEAB
LEAB
A1
GND
A2
A3
VCC
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VCC
A16
A17
GND
A18
OEBA
LEBA
CLKENAB
CLKAB
B1
GND
B2
B3
VCC
B4
B5
B6
GND
B7
B8
B9
B10
B11
B12
GND
B13
B14
B15
VCC
B16
B17
GND
B18
CLKBA
CLKENBA
SN74ALVCH16601
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES027F – JULY 1995 – REVISED OCTOBER 2004
Member of the Texas Instruments Widebus™
Family
UBT™ (Universal Bus Transceiver) Combines
D-Type Latches and D-Type Flip-Flops for
Operation in Transparent, Latched, Clocked,
or Clock-Enabled Modes
EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 250 mA Per
JESD 17
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages
This 18-bit universal bus transceiver is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCH16601 combines D-type latches and
D-type flip-flops to allow data flow in transparent,
latched, and clocked modes.
Data
flow
in
each
direction
is
controlled
by
output-enable
(OEAB
and
OEBA),
latch-enable
(LEAB and LEBA), and clock (CLKAB and CLKBA)
inputs.
The
clock
can
be
controlled
by
the
clock-enable (CLKENAB and CLKENBA) inputs. For
A-to-B
data
flow,
the
device
operates
in
the
transparent mode when LEAB is high. When LEAB is
low, the A data is latched if CLKAB is held at a high
or low logic level. If LEAB is low, the A data is stored
in the latch/flip-flop on the low-to-high transition of
CLKAB. Output enable OEAB is active low. When
OEAB is low, the outputs are active. When OEAB is
high, the outputs are in the high-impedance state.
<br/>
Data flow for B to A is similar to that of A to B, but uses OEBA, LEBA, CLKBA, and CLKENBA.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN74ALVCH16601 is characterized for operation from -40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, UBT, EPIC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - 74ALVCH16601DLG4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVCH16601DGG PHILIPS-74ALVCH16601DGG Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16601DGG NEXPERIA-74ALVCH16601DGG Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results

Description similaire - 74ALVCH16601DLG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16600 TI-SN74ALVCH16600 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR16601 TI-SN74ALVCHR16601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601GR TI-SN74ALVCH162601GR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601 TI1-SN74ALVC162601 Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com