Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD22100SR-REEL7 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD22100SR-REEL7
Description  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD22100SR-REEL7 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD22100SR-REEL7 Datasheet HTML 4Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 5Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 6Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 7Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 8Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 9Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 10Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 11Page - Analog Devices AD22100SR-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD22100
Rev. D | Page 9 of 12
Response of the AD22100 output to abrupt changes in ambient
temperature can be modeled by a single time constant t expo-
nential function. Figure 10 shows the typical response time
plots for a few media of interest.
100
0
100
30
10
10
20
0
60
40
50
70
80
90
90
80
70
60
50
40
30
20
STILL AIR
TIME (sec)
ALUMINUM
BLOCK
MOVING
AIR
Figure 10. Response Time
The time constant t is dependent on θJA and the thermal capaci-
ties of the chip and the package. Table 6 lists the effective t (time
to reach 63.2% of the final value) for a few different media.
Copper printed circuit board connections were neglected in the
analysis; however, they will sink or conduct heat directly
through the AD22100’s solder plated copper leads. When faster
response is required, a thermally conductive grease or glue
between the AD22100 and the surface temperature being
measured should be used.
MICROPROCESSOR A/D INTERFACE ISSUES
The AD22100 is especially well suited to providing a low cost
temperature measurement capability for microprocessor/
microcontroller based systems. Many inexpensive 8-bit micro-
processors now offer an onboard 8-bit ADC capability at a
modest cost premium. Total cost of ownership then becomes a
function of the voltage reference and analog signal conditioning
necessary to mate the analog sensor with the microprocessor
ADC. The AD22100 can provide an ideal low cost system by
eliminating the need for a precision voltage reference and any
additional active components. The ratiometric nature of the
AD22100 allows the microprocessor to use the same power
supply as its ADC reference. Variations of hundreds of mil-
livolts in the supply voltage have little effect as both the
AD22100 and the ADC use the supply as their reference. The
nominal AD22100 signal range of 0.25 V to 4.75 V (−50°C to
+150°C) makes good use of the input range of a 0 V to 5 V
ADC. A single resistor and capacitor are recommended to pro-
vide immunity to the high speed charge dump glitches seen at
many microprocessor ADC inputs (see Figure 2).
An 8-bit ADC with a reference of 5 V will have a least signifi-
cant bit (LSB) size of 5 V/256 = 19.5 mV. This corresponds to a
nominal resolution of about 0.87°C.
USE WITH A PRECISION REFERENCE AS THE SUPPLY
VOLTAGE
While the ratiometric nature of the AD22100 allows for system
operation without a precision voltage reference, it can still be
used in such systems. Overall system requirements involving
other sensors or signal inputs may dictate the need for a fixed
precision ADC reference. The AD22100 can be converted to
absolute voltage operation by using a precision reference as the
supply voltage. For example, a 5.00 V reference can be used to
power the AD22100 directly. Supply current will typically be
500 µA, which is usually within the output capability of the
reference. Using a large number of AD22100s may require an
additional op amp buffer, as would scaling down a 10.00 V ref-
erence that might be found in instrumentation ADCs typically
operating from ±15 V supplies.
1 The time constant t is defined as the time to reach 63.2% of the final
temperature change.
2 1200 CFM.


Numéro de pièce similaire - AD22100SR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100SR-REEL7 AD-AD22100SR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

Description similaire - AD22100SR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com