Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7304BR Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7304BR
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7304BR Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7304BR Datasheet HTML 3Page - Analog Devices AD7304BR Datasheet HTML 4Page - Analog Devices AD7304BR Datasheet HTML 5Page - Analog Devices AD7304BR Datasheet HTML 6Page - Analog Devices AD7304BR Datasheet HTML 7Page - Analog Devices AD7304BR Datasheet HTML 8Page - Analog Devices AD7304BR Datasheet HTML 9Page - Analog Devices AD7304BR Datasheet HTML 10Page - Analog Devices AD7304BR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7304/AD7305
Rev. C | Page 7 of 20
Table 6. AD7305 Control Logic Truth Table
WR 1
A1
A0
LDAC2
Input Register Function
DAC Register Function
L
L
L
H
Register A loaded with DB0 to DB7
Latched with previous contents, no change
↑+
L
L
H
Register A latched with DB0 to DB7
Latched with previous contents, no change
L
L
H
H
Register B loaded with DB0 to DB7
Latched with previous contents, no change
↑+
L
H
H
Register B latched with DB0 to DB7
Latched with previous contents, no change
L
H
L
H
Register C loaded with DB0 to DB7
Latched with previous contents, no change
↑+
H
L
H
Register C latched with DB0 to DB7
Latched with previous contents, no change
L
H
H
H
Register D loaded with DB0 to DB7
Latched with previous contents, no change
↑+
H
H
H
Register D latched with DB0 to DB7
Latched with previous contents, no change
H
X
X
L
No effect
All input register contents loaded, register transparent
L
X
X
L
Input register x transparent to DB0 to DB7
Register transparent
H
X
X
↑+
No effect
All input register contents latched
H
X
X
H
No effect, device not selected
No effect, device not selected
1
↑+ positive logic transition; ↓– negative logic transition; X don’t care.
2
LDAC is a level-sensitive input.
tAH
tDH
tLH
tLDW
tWR
tAS
tDS
tLS
tS
±1 LSB
ERROR BAND
A0, A1
WR
D0–D7
LDAC
VOUT
Figure 6. AD7305 General Timing Diagram
tSDR
A0/SHDN
IDD
tSDN
Figure 7. AD7305 Timing Diagram Zoom In


Numéro de pièce similaire - AD7304BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7304BR AD-AD7304BR Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Description similaire - AD7304BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com