Moteur de recherche de fiches techniques de composants électroniques |
|
AD548KNZ Fiches technique(PDF) 4 Page - Analog Devices |
|
AD548KNZ Fiches technique(HTML) 4 Page - Analog Devices |
4 / 12 page AD548 –4– REV. D WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD548 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS l Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±18 V Internal Power Dissipation 2 . . . . . . . . . . . . . . . . . . . . 500 mW Input Voltage3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±18 V Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS Storage Temperature Range (Q, H) . . . . . . . –65 °C to +150°C (N, R) . . . . . . . . –65 °C to +125°C Operating Temperature Range AD548J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 °C to 70°C AD548B . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40 °C to +85°C Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Thermal Characteristics: 8-Pin SOIC Package: θ JA = 160 °C/W, θ JC = 42 °C/W; 8-Lead Plastic Package: θ JA = 90 °C/W. 3For supply voltages less than ±18 V, the absolute maximum input voltage is equal to the supply voltage. |
Numéro de pièce similaire - AD548KNZ |
|
Description similaire - AD548KNZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |