Moteur de recherche de fiches techniques de composants électroniques |
|
LM108B Fiches technique(PDF) 2 Page - Rochester Electronics |
|
LM108B Fiches technique(HTML) 2 Page - Rochester Electronics |
2 / 4 page LM108 Specification Number LM108-CM(R) Rev A Page 2 of 4 MNLM108-X REV 0BL MILITARY DATA SHEET Electrical Characteristics DC PARAMETERS (The following conditions apply to all the following parameters, unless otherwise specified.) DC: Vcc = +20V, Vcm = 0V SYMBOL PARAMETER CONDITIONS NOTES PIN- NAME MIN MAX UNIT SUB- GROUPS Vio Input Offset Voltage Vcm = -15V -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 Vcm = 15V -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 -2.0 2.0 mV 1 -3.0 3.0 mV 2, 3 Vcc = +5V -2.0 2.0 mV 1 Vcc = +5V -3.0 3.0 mV 2, 3 Iio Input Offset Current Vcm = -15V -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 Vcc = +5V -0.2 0.2 nA 1 Vcc = +5V -0.4 0.4 nA 2, 3 Iib+ Input Bias Current Vcm = -15V -0.1 2 nA 1 -1.0 3.0 nA 2, 3 Vcm = 15V -0.1 2 nA 1 -1.0 3.0 nA 2, 3 -0.1 2 nA 1 -1.0 3.0 nA 2, 3 Vcc = +5V -0.1 2 nA 1 Vcc = +5V -0.1 3.0 nA 2, 3 2 |
Numéro de pièce similaire - LM108B |
|
Description similaire - LM108B |