Moteur de recherche de fiches techniques de composants électroniques |
|
LM108B Fiches technique(PDF) 1 Page - Rochester Electronics |
|
LM108B Fiches technique(HTML) 1 Page - Rochester Electronics |
1 / 4 page LM108 © 2013 Rochester Electronics, LLC. All Rights Reserved 06062013 Specification Number LM108-CM(R) Rev A Page 1 of 4 Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves the right to make changes without further notice to any specification herein. For complete Rochester ordering guide, please refer to page 2. Please contact factory for specific package and specification availability. Original Creation Date: 06/29/95 Last Update Date: 12/10/96 Last Major Revision Date: 06/29/95 MNLM108-X REV 0BL MILITARY DATA SHEET OPERATIONAL AMPLIFIERS NS Part Numbers LM108H/883 LM108J-8/883 LM108J/883 Industry Part Number LM108 Prime Die LM108 Processing MIL-STD-883, Method 5004 Quality Conformance Inspection MIL-STD-883, Method 5005 Subgrp Description Temp ( C) o 1 Static tests at +25 2 Static tests at +125 3 Static tests at -55 4 Dynamic tests at +25 5 Dynamic tests at +125 6 Dynamic tests at -55 7 Functional tests at +25 8A Functional tests at +125 8B Functional tests at -55 9 Switching tests at +25 10 Switching tests at +125 11 Switching tests at -55 1 LM108 OPERATIONAL AMPLIFIER Rochester Part Number OCM Part Number Package Temperature LM108H LM108H CAN-8, Metal -55° to +125°C LM108H/B LM108H/883 CAN-8, Metal -55° to +125°C LM108JG-8/B LM108JG-8/883 CDIP-8 -55° to +125°C LM108J LM108J CDIP-14 -55° to +125°C Rochester Ordering Guide *Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information. |
Numéro de pièce similaire - LM108B |
|
Description similaire - LM108B |