Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6569AD013TR Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L6569AD013TR
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569AD013TR Fiches technique(HTML) 4 Page - STMicroelectronics

  L6569AD013TR Datasheet HTML 1Page - STMicroelectronics L6569AD013TR Datasheet HTML 2Page - STMicroelectronics L6569AD013TR Datasheet HTML 3Page - STMicroelectronics L6569AD013TR Datasheet HTML 4Page - STMicroelectronics L6569AD013TR Datasheet HTML 5Page - STMicroelectronics L6569AD013TR Datasheet HTML 6Page - STMicroelectronics L6569AD013TR Datasheet HTML 7Page - STMicroelectronics L6569AD013TR Datasheet HTML 8Page - STMicroelectronics L6569AD013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L6569 L6569A
4/13
OSCILLATOR FREQUENCY
The frequency of the internal oscillator can be programmed using external resistor and capacitor.
The nominal oscillator frequency can be calculated using the following equation:
Where RF and CF are the external resistor and capacitor.
The device can be driven in "shut down" condition keeping the CF pin close to GND, but some cares have to be
taken:
1. When CF is to GND the high side driver is off and the low side is on
2. The forced discharge of the oscillator capacitor CF must not be shorter than 1us: a simple way to do this is to
limit the current discharge with a resistive path imposing R · CF >1µs (see fig.1)
Figure 1.
VRFON
2
RF High Level Output Voltage
IRF = 1mA
VS -0.05
VS -0.2
V
VRF OFF
RF Low Level Output Voltage
IRF = -1mA
50
200
mV
VCFU
3
CF Upper Threshold
7.7
8
8.2
V
VCFL
CF Lower Threshold
3.80
4
4.3
V
td
Internal Dead Time
0.85
1.25
1.65
µs
DC
Duty Cycle, Ratio Between Dead
Time + Conduction Time of High
Side and Low Side Drivers
0.45
0.5
0.55
RON
On resistance of Boostrap
LDMOS
120
VBC
Boostrap Voltage before UVLO
VS = 8.2
2.5
3.6
V
IAVE
1
Average Current from Vs
No Load, fs = 60KHz
1.2
1.5
mA
fout
6
Oscillation Frequency
RT = 12K; CT = 1nF
57
60
63
kHz
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
f
OSC
1
2R
F
C
F
In2
⋅⋅
-----------------------------------------
1
1.3863 R
F
C
F
⋅⋅
------------------------------------------
==
RF
CF
GNDM
1
2
3
4
8
7
6
5
fault signal
R
ELECTRICAL CHARACTERISTCS (continued)


Numéro de pièce similaire - L6569AD013TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6569AD STMICROELECTRONICS-L6569AD Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
More results

Description similaire - L6569AD013TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
January 2010 Rev 6
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com