Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7560 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-7560
Description  Optically Isolated Sigma-Delta (誇-?) Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7560 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7560 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The HCPL-7560 Optically Isolated Modulator and HCPL-
0872 Digital Interface IC or digital filter together form
an isolated programmable two-chip analog-to-digital
converter. The isolated modulator allows direct mea-
surement of motor phase currents in power inverters.
In operation, the HCPL-7560 Isolated Modulator (op-
tocoupler with 3750 VRMS dielectric withstand voltage
rating) converts a low-bandwidth analog input into a
high-speed one-bit data stream by means of a Sigma-
Delta (Σ-∆) over-sampling modulator. This modulation
provides for high noise margins and excellent immunity
against isolation-mode transients. The modulator data
and on-chip sampling clock are encoded and transmit-
ted across the isolation boundary where they are recov-
ered and decoded into separate high-speed clock and
data channels.
Features
• 8-bit Linearity
• 200 ns Conversion Time
(Pre-Trigger Mode 2 with HCPL-0872)
• 8-bit Effective Resolution with 5µs Signal Delay
(14-bit with 102 µs) (with HCPL-0872)
• Fast 3 µs Over-Range Detection (with HCPL-0872)
• ± 200 mV Input Range with Single 5 V Supply
• 5% Internal Reference Voltage Matching
• Offset Calibration (with HCPL-0872)
• -40°C to +85°C Operating Temperature Range
• 15 kV/µs Isolation Transient Immunity
• Safety Approval: UL 1577, CSA and
IEC/EN/DIN EN 60747-5-2
Applications
• Motor Phase and Rail Current Sensing
• Data Acquisition Systems
• Industrial Process Control
• Inverter Current Sensing
• General Purpose Current Sensing and Monitoring
HCPL-7560
Optically Isolated Sigma-Delta (Σ-∆) Modulator
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation, which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
NOTE: A 0.1 μF bypass capacitor must be connected between pins VDD1 and GND1 and between pins VDD2 and GND2.
SIGMA-
DELTA
MOD./
ENCODE
DECODE
1
2
3
4
8
7
6
5
Input
Current
HCPL-0872
or
Digital Filter
MCU
or
DSP
HCPL-7560
-
-
-


Numéro de pièce similaire - HCPL-7560

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-060 HP-HCPL-7560-060 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-060E HP-HCPL-7560-060E Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-300 HP-HCPL-7560-300 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-300E HP-HCPL-7560-300E Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results

Description similaire - HCPL-7560

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com