Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7465PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7465PBF
Description  High frequency DC-DC converters, Lead-Free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7465PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7465PBF Datasheet HTML 1Page - International Rectifier IRF7465PBF Datasheet HTML 2Page - International Rectifier IRF7465PBF Datasheet HTML 3Page - International Rectifier IRF7465PBF Datasheet HTML 4Page - International Rectifier IRF7465PBF Datasheet HTML 5Page - International Rectifier IRF7465PBF Datasheet HTML 6Page - International Rectifier IRF7465PBF Datasheet HTML 7Page - International Rectifier IRF7465PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
09/21/04
IRF7465PbF
SMPS MOSFET
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
1.9
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
1.5
A
IDM
Pulsed Drain Current

15
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
†
7.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max
ID
150V
0.28
W@VGS = 10V
1.9A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l High frequency DC-DC converters
l Lead-Free
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
PD-95274


Numéro de pièce similaire - IRF7465PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7465PBF IRF-IRF7465PBF Datasheet
133Kb / 8P
   High frequency DC-DC converters
IRF7465PBF IRF-IRF7465PBF_15 Datasheet
133Kb / 8P
   High frequency DC-DC converters
More results

Description similaire - IRF7465PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7380PBF IRF-IRF7380PBF_08 Datasheet
229Kb / 8P
   High frequency DC-DC converters Lead-Free
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com