Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5101AM Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM5101AM
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101AM Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM5101AM Datasheet HTML 7Page - Texas Instruments LM5101AM Datasheet HTML 8Page - Texas Instruments LM5101AM Datasheet HTML 9Page - Texas Instruments LM5101AM Datasheet HTML 10Page - Texas Instruments LM5101AM Datasheet HTML 11Page - Texas Instruments LM5101AM Datasheet HTML 12Page - Texas Instruments LM5101AM Datasheet HTML 13Page - Texas Instruments LM5101AM Datasheet HTML 14Page - Texas Instruments LM5101AM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LI
HI
tHPLH
tLPLH
tHPHL
tLPHL
LO
HO
LI
HI
tMOFF
tMON
LO
HO
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
TIMING DIAGRAM
Figure 24.
Layout Considerations
The optimum performance of high and low-side gate drivers cannot be achieved without taking due
considerations during circuit board layout. Following points are emphasized.
1. Low ESR / ESL capacitors must be connected close to the IC, between VDD and VSS pins and between the
HB and HS pins to support the high peak currents being drawn from VDD during turn-on of the external
MOSFET.
2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be
connected between MOSFET drain and ground (VSS).
3. In order to avoid large negative transients on the switch node (HS pin), the parasitic inductances in the
source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized.
4. Grounding Considerations:
a) The first priority in designing grounding connections is to confine the high peak currents that charge
and discharge the MOSFET gate into a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as
possible to the gate driver.
b) The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground
referenced bypass capacitor and low-side MOSFET body diode. The bootstrap capacitor is recharged on
a cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor.
The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length
and area on the circuit board is important to ensure reliable operation.
A recommended layout pattern for the driver is shown in the following figure. If possible a single layer placement
is preferred.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Numéro de pièce similaire - LM5101AM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5101AM TI1-LM5101AM Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5101AM TI1-LM5101AM Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101AMR TI1-LM5101AMR Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5101AMR TI1-LM5101AMR Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101AMRX TI1-LM5101AMRX Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
More results

Description similaire - LM5101AM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com