Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM193AH Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM193AH
Description  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM193AH Fiches technique(HTML) 4 Page - Texas Instruments

  LM193AH Datasheet HTML 1Page - Texas Instruments LM193AH Datasheet HTML 2Page - Texas Instruments LM193AH Datasheet HTML 3Page - Texas Instruments LM193AH Datasheet HTML 4Page - Texas Instruments LM193AH Datasheet HTML 5Page - Texas Instruments LM193AH Datasheet HTML 6Page - Texas Instruments LM193AH Datasheet HTML 7Page - Texas Instruments LM193AH Datasheet HTML 8Page - Texas Instruments LM193AH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(V
+=5V, T
A = 25°C, unless otherwise stated)
LM193A
Parameter
Test Conditions
Units
Min
Typ
Max
Input Offset Voltage
(1)
1.0
2.0
mV
Input Bias Current
IIN(+) or IIN(−) with Output In Linear
25
100
nA
Range, VCM = 0V
(2)
Input Offset Current
IIN(+)−IIN(−) VCM = 0V
3.0
25
nA
Input Common Mode Voltage Range
V+ = 30V (3)
0
V+
−1.5
V
Supply Current
RL=∞
V+=5V
0.4
1
mA
V+=36V
1
2.5
mA
Voltage Gain
RL≥15 kΩ, V
+=15V
50
200
V/mV
VO = 1V to 11V
Large Signal Response Time
VIN=TTL Logic Swing, VREF=1.4V
300
ns
VRL=5V, RL=5.1 kΩ
Response Time
VRL=5V, RL=5.1 kΩ
(4)
1.3
μs
Output Sink Current
VIN(−)=1V, VIN(+)=0, VO≈1.5V
6.0
16
mA
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
250
400
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=5V
0.1
nA
(1)
At output switch point, VO≃1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 36V without damage, independent of the
magnitude of V+.
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
Typical Performance Characteristics.
Electrical Characteristics
(V
+=5V, T
A = 25°C, unless otherwise stated)
LM193
LM293, LM393
LM2903
Parameter
Test Conditions
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(1)
1.0
5.0
1.0
5.0
2.0
7.0
mV
Input Bias Current
IIN(+) or IIN(−) with Output In
25
100
25
250
25
250
nA
Linear Range, VCM = 0V
(2)
Input Offset Current
IIN(+)−IIN(−) VCM = 0V
3.0
25
5.0
50
5.0
50
nA
Input Common Mode
V+ = 30V (3)
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
V
Voltage Range
Supply Current
RL=∞
V+=5V
0.4
1
0.4
1
0.4
1.0
mA
V+=36V
1
2.5
1
2.5
1
2.5
mA
Voltage Gain
RL≥15 kΩ, V
+=15V
50
200
50
200
25
100
V/mV
VO = 1V to 11V
Large Signal Response
VIN=TTL Logic Swing, VREF=1.4V
300
300
300
ns
Time
VRL=5V, RL=5.1 kΩ
Response Time
VRL=5V, RL=5.1 kΩ
(4)
1.3
1.3
1.5
μs
Output Sink Current
VIN(−)=1V, VIN(+)=0, VO≤1.5V
6.0
16
6.0
16
6.0
16
mA
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
250
400
250
400
250
400
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=5V
0.1
0.1
0.1
nA
(1)
At output switch point, VO≃1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 36V without damage, independent of the
magnitude of V+.
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
Typical Performance Characteristics.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Numéro de pièce similaire - LM193AH

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM193AH NSC-LM193AH Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193AH TI1-LM193AH Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193AH TI1-LM193AH Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
National Semiconductor ...
LM193AH-MLS NSC-LM193AH-MLS Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193AH-MLS TI1-LM193AH-MLS Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Description similaire - LM193AH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com