Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM26480SQ-AA_NOPB Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM26480SQ-AA_NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-AA_NOPB Fiches technique(HTML) 1 Page - Texas Instruments

  LM26480SQ-AA_NOPB Datasheet HTML 1Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 2Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 3Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 4Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 5Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 6Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear
Regulators
Check for Samples: LM26480
1
FEATURES
DESCRIPTION
The
LM26480
is
a
multi-functional
Power
2
Compatible with Advanced Applications
Management Unit, optimized for low-power digital
Processors and FPGAs
applications.
This
device
integrates
two
highly
2 LDOs for Powering Internal Processor
efficient 1.5A step-down DC/DC converters and two
Functions and I/Os
300 mA linear regulators. The LM26480 is offered in
a tiny 4 x 4 x 0.8mm WQFN-24 pin package.
Precision Internal Reference
Thermal Overload Protection
KEY SPECIFICATIONS
Current Overload Protection
Step-Down DC/DC Converter (Buck)
24-lead 4 × 4 × 0.8mm WQFN Package
1.5A output current
External Power-On-Reset Function for Buck1
VOUT from:
and Buck2
Buck1 : 0.8V–2.0V @ 1.5A
Undervoltage Lock-Out Detector to Monitor
Input Supply Voltage
Buck2 : 1.0V–3.3V @ 1.5A
Note: LM26480Q is an Automotive-Grade
Up to 96% efficiency
Product that is AECQ-100 Grade 1 Qualified.
±3% FB voltage accuracy
2 MHz PWM switching frequency
APPLICATIONS
PWM - PFM automatic mode change under
Core Digital Power
low loads
Applications Processors
Automatic soft start
Peripheral I/O Power
Linear Regulators (LDO)
VOUT of 1.0V–3.5V
±3% FB voltage accuracy
300 mA output current
25 mV (typ) dropout
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM26480SQ-AA_NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM26480SQ-AA NSC-LM26480SQ-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480SQ-AA NSC-LM26480SQ-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Description similaire - LM26480SQ-AA_NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com