Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C27002-24PVXI Fiches technique(PDF) 30 Page - Cypress Semiconductor

No de pièce CY8C27002-24PVXI
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27002-24PVXI Fiches technique(HTML) 30 Page - Cypress Semiconductor

Back Button CY8C27002-24PVXI Datasheet HTML 26Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 27Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 28Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 29Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 30Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 31Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 32Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 33Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *X
Page 30 of 64
Table 23. 3.3-V DC Analog Reference Specifications
Reference
ARF_CR
[5:3]
Reference Power
Settings
Symbol Reference
Description
Min
Typ
Max
Unit
0b000
RefPower = high
Opamp bias = high
VREFHI
Ref High
VDD/2 + Bandgap
VDD/2 + 1.225 VDD/2 + 1.292 VDD/2 + 1.361
V
VAGND
AGND
VDD/2
VDD/2 – 0.067 VDD/2 – 0.002 VDD/2 + 0.063
V
VREFLO
Ref Low
VDD/2 – Bandgap
VDD/2 – 1.35
VDD/2 – 1.293 VDD/2 – 1.210
V
RefPower = high
Opamp bias = low
VREFHI
Ref High
VDD/2 + Bandgap
VDD/2 + 1.218 VDD/2 + 1.294 VDD/2 + 1.370
V
VAGND
AGND
VDD/2
VDD/2 – 0.038 VDD/2 – 0.001 VDD/2 + 0.035
V
VREFLO
Ref Low
VDD/2 – Bandgap
VDD/2 – 1.329 VDD/2 – 1.296 VDD/2 – 1.259
V
RefPower = medium
Opamp bias = high
VREFHI
Ref High
VDD/2 + Bandgap
VDD/2 + 1.221 VDD/2 + 1.294 VDD/2 + 1.366
V
VAGND
AGND
VDD/2
VDD/2 – 0.050 VDD/2 – 0.002 VDD/2 + 0.046
V
VREFLO
Ref Low
VDD/2 – Bandgap
VDD/2 – 1.331 VDD/2 – 1.296 VDD/2 – 1.260
V
RefPower = medium
Opamp bias = low
VREFHI
Ref High
VDD/2 + Bandgap
VDD/2 + 1.226 VDD/2 + 1.295 VDD/2 + 1.365
V
VAGND
AGND
VDD/2
VDD/2 – 0.028 VDD/2 – 0.001 VDD/2 + 0.025
V
VREFLO
Ref Low
VDD/2 – Bandgap
VDD/2 – 1.329 VDD/2 – 1.297 VDD/2 – 1.262
V
0b001
RefPower = high
Opamp bias = high
VREFHI
Ref High
P2[4]+P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] + P2[6] –
0.098
P2[4] + P2[6]
– 0.018
P2[4] + P2[6]
+ 0.055
V
VAGND
AGND
P2[4]
P2[4]
P2[4]
P2[4]
VREFLO
Ref Low
P2[4] – P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] – P2[6] –
0.055
P2[4] – P2[6]
+ 0.013
P2[4] – P2[6]
+ 0.086
V
RefPower = high
Opamp bias = low
VREFHI
Ref High
P2[4] + P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] + P2[6] –
0.082
P2[4] + P2[6]
– 0.011
P2[4] + P2[6]
+ 0.050
V
VAGND
AGND
P2[4]
P2[4]
P2[4]
P2[4]
VREFLO
Ref Low
P2[4] – P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] – P2[6] –
0.037
P2[4] – P2[6]
+ 0.006
P2[4] – P2[6]
+ 0.054
V
RefPower = medium
Opamp bias = high
VREFHI
Ref High
P2[4] + P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] + P2[6] –
0.079
P2[4] + P2[6]
– 0.012
P2[4] + P2[6]
+ 0.047
V
VAGND
AGND
P2[4]
P2[4]
P2[4]
P2[4]
VREFLO
Ref Low
P2[4]–P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] – P2[6] –
0.038
P2[4] – P2[6]
+ 0.006
P2[4] – P2[6]
+ 0.057
V
RefPower = medium
Opamp bias = low
VREFHI
Ref High
P2[4]+P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] + P2[6] –
0.080
P2[4] + P2[6]
– 0.008
P2[4] + P2[6]
+ 0.055
V
VAGND
AGND
P2[4]
P2[4]
P2[4]
P2[4]
VREFLO
Ref Low
P2[4]–P2[6] (P2[4] =
VDD/2, P2[6] = 0.5 V)
P2[4] – P2[6] –
0.032
P2[4] – P2[6]
+ 0.003
P2[4] – P2[6]
+ 0.042
V


Numéro de pièce similaire - CY8C27002-24PVXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C27002-24PVXI CYPRESS-CY8C27002-24PVXI Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results

Description similaire - CY8C27002-24PVXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com