Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C27002-24PVXI Fiches technique(PDF) 24 Page - Cypress Semiconductor

No de pièce CY8C27002-24PVXI
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27002-24PVXI Fiches technique(HTML) 24 Page - Cypress Semiconductor

Back Button CY8C27002-24PVXI Datasheet HTML 20Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 21Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 22Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 23Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 24Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 25Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 26Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 27Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *X
Page 24 of 64
ISOB
Supply current including opamp
bias cell (no load)
Power = low
Power = high
1.1
2.6
5.1
8.8
mA
mA
PSRROB
Supply voltage rejection ratio
60
64
dB
IOMAX
Maximum output current
40
mA
CL
Load capacitance
200
pF
This specification applies to the
external circuit driven by the
analog output buffer.
Table 20. 3.3-V DC Analog Output Buffer Specifications
Symbol
Description
Min
Typ
Max
Unit
Notes
VOSOB
Input offset voltage (absolute value)
Power = low, Opamp bias = low
Power = low, Opamp bias = high
Power = high, Opamp bias = low
Power = high, Opamp bias = high
3.2
3.2
6
6
20
20
25
25
mV
mV
mV
mV
High power setting is not
recommended.
TCVOSOB Average input offset voltage drift
Power = low, Opamp bias = low
Power = low, Opamp bias = high
Power = high, Opamp bias = low
Power = high, Opamp bias = high
9
9
12
12
55
55
70
70
µV/°C
µV/°C
µV/°C
µV/°C
High power setting is not
recommended.
VCMOB
Common-mode input voltage range
0.5
VDD – 1.0
V
ROUTOB
Output resistance
Power = low
Power = high
1
1
VOHIGHOB High output voltage swing
(load = 32 ohms to VDD/2)
Power = low
Power = high
0.5 × VDD + 1.0
0.5 × VDD + 1.0
V
V
VOLOWOB Low output voltage swing
(load = 32 ohms to VDD/2)
Power = low
Power = high
0.5 × VDD – 1.0
0.5 × VDD – 1.0
V
V
ISOB
Supply current including opamp
bias cell (no load)
Power = low
Power = high
0.8
2.0
2
4.3
mA
mA
PSRROB
Supply voltage rejection ratio
60
64
dB
CL
Load capacitance
200
pF
This specification applies to the
external circuit driven by the
analog output buffer.
Table 19. 5-V DC Analog Output Buffer Specifications (continued)
Symbol
Description
Min
Typ
Max
Unit
Notes


Numéro de pièce similaire - CY8C27002-24PVXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C27002-24PVXI CYPRESS-CY8C27002-24PVXI Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results

Description similaire - CY8C27002-24PVXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com