Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C28413-24PVXIT Fiches technique(PDF) 21 Page - Cypress Semiconductor

No de pièce CY8C28413-24PVXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28413-24PVXIT Fiches technique(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C28413-24PVXIT Datasheet HTML 17Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 18Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 19Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 20Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 21Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 22Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 23Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 24Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *L
Page 21 of 80
Table 11. CY8C28x13 Register Map Bank 1 Table: Configuration Space
Name
Addr (1,Hex)
Access
Name
Addr (1,Hex)
Access
Name
Addr (1,Hex)
Access
Name
Addr (1,Hex)
Access
PRT0DM0
00
RW
DBC20FN
40
RW
80
RDI2RI
C0
RW
PRT0DM1
01
RW
DBC20IN
41
RW
SADC_TSCMPL
81
RW
RDI2SYN
C1
RW
PRT0IC0
02
RW
DBC20OU
42
RW
SADC_TSCMPH
82
RW
RDI2IS
C2
RW
PRT0IC1
03
RW
DBC20CR1
43
RW
ACE_AMD_CR1
83
RW
RDI2LT0
C3
RW
PRT1DM0
04
RW
DBC21FN
44
RW
84
RDI2LT1
C4
RW
PRT1DM1
05
RW
DBC21IN
45
RW
ACE_PWM_CR
85
RW
RDI2RO0
C5
RW
PRT1IC0
06
RW
DBC21OU
46
RW
ACE_ADC0_CR
86
RW
RDI2RO1
C6
RW
PRT1IC1
07
RW
DBC21CR1
47
RW
ACE_ADC1_CR
87
RW
RDI2DSM
C7
RW
PRT2DM0
08
RW
DCC22FN
48
RW
88
C8
PRT2DM1
09
RW
DCC22IN
49
RW
ACE_CLK_CR0
89
RW
C9
PRT2IC0
0A
RW
DCC22OU
4A
RW
ACE_CLK_CR1
8A
RW
CA
PRT2IC1
0B
RW
DCC22CR1
4B
RW
ACE_CLK_CR3
8B
RW
CB
PRT3DM0
0C
RW
DCC23FN
4C
RW
8C
RW
CC
PRT3DM1
0D
RW
DCC23IN
4D
RW
ACE01CR1
8D
RW
CD
PRT3IC0
0E
RW
DCC23OU
4E
RW
ACE01CR2
8E
RW
CE
PRT3IC1
0F
RW
DCC23CR1
4F
RW
ASE11CR0
8F
RW
CF
PRT4DM0
10
RW
50
90
GDI_O_IN
D0
RW
PRT4DM1
11
RW
51
DEC0_CR0
91
RW
GDI_E_IN
D1
RW
PRT4IC0
12
RW
52
DEC_CR3
92
RW
GDI_O_OU
D2
RW
PRT4IC1
13
RW
53
93
GDI_E_OU
D3
RW
PRT5DM0
14
RW
54
94
DEC0_CR
D4
RW
PRT5DM1
15
RW
55
DEC1_CR0
95
RW
DEC1_CR
D5
RW
PRT5IC0
16
RW
56
96
D6
PRT5IC1
17
RW
57
97
D7
18
58
98
MUX_CR0
D8
RW
19
59
99
MUX_CR1
D9
RW
1A
5A
DEC_CR5
9A
RW
MUX_CR2
DA
RW
1B
5B
9B
MUX_CR3
DB
RW
1C
5C
9C
IDAC_CR1
DC
RW
1D
5D
9D
OSC_GO_EN
DD
RW
1E
5E
9E
OSC_CR4
DE
RW
1F
5F
9F
OSC_CR3
DF
RW
DBC00FN
20
RW
60
GDI_O_IN_CR
A0
RW
OSC_CR0
E0
RW
DBC00IN
21
RW
61
GDI_E_IN_CR
A1
RW
OSC_CR1
E1
RW
DBC00OU
22
RW
62
GDI_O_OU_CR
A2
RW
OSC_CR2
E2
RW
DBC00CR1
23
RW
63
GDI_E_OU_CR
A3
RW
VLT_CR
E3
RW
DBC01FN
24
RW
64
RTC_H
A4
RW
VLT_CMP
E4
RW
DBC01IN
25
RW
65
RTC_M
A5
RW
ADC0_TR
E5
RW
DBC01OU
26
RW
66
RTC_S
A6
RW
ADC1_TR
E6
RW
DBC01CR1
27
RW
67
RTC_CR
A7
RW
IDAC_CR2
E7
RW
DCC02FN
28
RW
68
SADC_CR0
A8
RW
IMO_TR
E8
RW
DCC02IN
29
RW
69
SADC_CR1
A9
RW
ILO_TR
E9
RW
DCC02OU
2A
RW
AMUX_CFG1
6A
RW
SADC_CR2
AA
RW
BDG_TR
EA
RW
DCC02CR1
2B
RW
6B
SADC_CR3
AB
RW
ECO_TR
EB
RW
DCC03FN
2C
RW
TMP_DR0
6C
RW
SADC_CR4
AC
RW
MUX_CR4
EC
RW
DCC03IN
2D
RW
TMP_DR1
6D
RW
I2C0_ADDR
AD
RW
MUX_CR5
ED
RW
DCC03OU
2E
RW
TMP_DR2
6E
RW
AE
EE
DCC03CR1
2F
RW
TMP_DR3
6F
RW
AMUX_CLK
AF
RW
EF
DBC10FN
30
RW
70
RDI0RI
B0
RW
F0
DBC10IN
31
RW
SADC_TSCR0
71
RW
RDI0SYN
B1
RW
F1
DBC10OU
32
RW
SADC_TSCR1
72
RW
RDI0IS
B2
RW
F2
DBC10CR1
33
RW
ACE_AMD_CR0
73
RW
RDI0LT0
B3
RW
F3
DBC11FN
34
RW
74
RW
RDI0LT1
B4
RW
F4
DBC11IN
35
RW
ACE_AMX_IN
75
RW
RDI0RO0
B5
RW
F5
DBC11OU
36
RW
ACE_CMP_CR0
76
RW
RDI0RO1
B6
RW
F6
DBC11CR1
37
RW
ACE_CMP_CR1
77
RW
RDIODSM
B7
RW
CPU_F
F7
RL
DCC12FN
38
RW
78
RDI1RI
B8
RW
F8
DCC12IN
39
RW
ACE_CMP_GI_EN
79
RW
RDI1SYN
B9
RW
F9
DCC12OU
3A
RW
ACE_ALT_CR0
7A
RW
RDI1IS
BA
RW
FLS_PR1
FA
RW
DCC12CR1
3B
RW
ACE_ABF_CR0
7B
RW
RDI1LT0
BB
RW
FB
DCC13FN
3C
RW
7C
RDI1LT1
BC
RW
FC
DCC13IN
3D
RW
ACE0_CR1
7D
RW
RDI1RO0
BD
RW
IDAC_CR0
FD
RW
DCC13OU
3E
RW
ACE0_CR2
7E
RW
RDI1RO1
BE
RW
CPU_SCR1
FE
#
DCC13CR1
3F
RW
ACE0_CR3
7F
RW
RDI1DSM
BF
RW
CPU_SCR0
FF
#
Blank fields are Reserved and should not be accessed.
# Access is bit specific.
*Address has a dual purpose, see “Mapping Exceptions” on page 251


Numéro de pièce similaire - CY8C28413-24PVXIT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C28413-24PVXIT CYPRESS-CY8C28413-24PVXIT Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C28413-24PVXIT CYPRESS-CY8C28413-24PVXIT Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
More results

Description similaire - CY8C28413-24PVXIT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com