Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C27643-24LTXI Fiches technique(PDF) 59 Page - Cypress Semiconductor

No de pièce CY8C27643-24LTXI
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27643-24LTXI Fiches technique(HTML) 59 Page - Cypress Semiconductor

Back Button CY8C27643-24LTXI Datasheet HTML 55Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 56Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 57Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 58Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 59Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 60Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 61Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 62Page - Cypress Semiconductor CY8C27643-24LTXI Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *X
Page 59 of 64
microcontroller
An integrated circuit chip that is designed primarily for control systems and products. In addition to a CPU, a
microcontroller typically includes memory, timing circuits, and IO circuitry. The reason for this is to permit the
realization of a controller with a minimal quantity of chips, thus achieving maximal possible miniaturization. This
in turn, reduces the volume and the cost of the controller. The microcontroller is normally not used for
general-purpose computation as is a microprocessor.
mixed-signal
The reference to a circuit containing both analog and digital techniques and components.
modulator
A device that imposes a signal on a carrier.
noise
1. A disturbance that affects a signal and that may distort the information carried by the signal.
2. The random variations of one or more characteristics of any entity such as voltage, current, or data.
oscillator
A circuit that may be crystal controlled and is used to generate a clock frequency.
parity
A technique for testing transmitting data. Typically, a binary digit is added to the data to make the sum of all the
digits of the binary data either always even (even parity) or always odd (odd parity).
Phase-locked
loop (PLL)
An electronic circuit that controls an oscillator so that it maintains a constant phase angle relative to a reference
signal.
pinouts
The pin number assignment: the relation between the logical inputs and outputs of the PSoC device and their
physical counterparts in the printed circuit board (PCB) package. Pinouts involve pin numbers as a link between
schematic and PCB design (both being computer generated files) and may also involve pin names.
port
A group of pins, usually eight.
Power on reset
(POR)
A circuit that forces the PSoC device to reset when the voltage is lower than a pre-set level. This is a type of
hardware reset.
PSoC®
Cypress Semiconductor’s PSoC® is a registered trademark and Programmable System-on-Chip™ is a trademark
of Cypress.
PSoC Designer™ The software for Cypress’ Programmable System-on-Chip technology.
pulse width
modulator (PWM)
An output in the form of duty cycle which varies as a function of the applied measurand
RAM
An acronym for random access memory. A data-storage device from which data can be read out and new data
can be written in.
register
A storage device with a specific capacity, such as a bit or byte.
reset
A means of bringing a system back to a know state. See hardware reset and software reset.
ROM
An acronym for read only memory. A data-storage device from which data can be read out, but new data cannot
be written in.
serial
1. Pertaining to a process in which all events occur one after the other.
2. Pertaining to the sequential or consecutive occurrence of two or more related activities in a single device or
channel.
settling time
The time it takes for an output signal or value to stabilize after the input has changed from one value to another.
Glossary (continued)


Numéro de pièce similaire - CY8C27643-24LTXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C27643-24LTXI CYPRESS-CY8C27643-24LTXI Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27643-24LTXIT CYPRESS-CY8C27643-24LTXIT Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
More results

Description similaire - CY8C27643-24LTXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com