Moteur de recherche de fiches techniques de composants électroniques |
|
AD7524JNZ Fiches technique(PDF) 4 Page - Analog Devices |
|
AD7524JNZ Fiches technique(HTML) 4 Page - Analog Devices |
4 / 8 page AD7524 REV. B –4– WRITE MODE When CS and WR are both LOW, the AD7524 is in the WRITE mode, and the AD7524 analog output responds to data activity at the DB0–DB7 data bus inputs. In this mode, the AD7524 acts like a nonlatched input D/A converter. HOLD MODE When either CS or WR is HIGH, the AD7524 is in the HOLD mode. The AD7524 analog output holds the value correspond- ing to the last digital input present at DB0–DB7 prior to WR or CS assuming the HIGH state. MODE SELECTION TABLE CS WR Mode DAC Response L L Write DAC responds to data bus (DB0–DB7) inputs. H X Hold Data bus (DB0–DB7) is Locked Out: X H Hold DAC holds last data present when WR or CS assumed HIGH state. L = Low State, H = High State, X = Don't Care. WRITE CYCLE TIMING DIAGRAM Figure 3. Supply Current vs. Logic Level Typical plots of supply current, IDD, versus logic input voltage, VIN, for VDD = +5 V and VDD = +15 V are shown above. CIRCUIT DESCRIPTION CIRCUIT INFORMATION The AD7524, an 8-bit multiplying D/A converter, consists of a highly stable thin film R-2R ladder and eight N-channel current switches on a monolithic chip. Most applications require the addition of only an output operational amplifier and a voltage or current reference. The simplified D/A circuit is shown in Figure 1. An inverted R-2R ladder structure is used—that is, the binarily weighted currents are switched between the OUT1 and OUT2 bus lines, thus maintaining a constant current in each ladder leg indepen- dent of the switch state. Figure 1. Functional Diagram EQUIVALENT CIRCUIT ANALYSIS The equivalent circuit for all digital inputs LOW is shown in Figures 2. In Figure 2 with all digital inputs LOW, the refer- ence current is switched to OUT2. The current source ILEAKAGE is composed of surface and junction leakages to the substrate while the 1 256 current source represents a constant 1-bit cur- rent drain through the termination resistor on the R-2R ladder. The “ON” capacitance of the output N-channel switches is 120 pF, as shown on the OUT2 terminal. The “OFF” switch capacitance is 30 pF, as shown on the OUT1 terminal. Analysis of the circuit for all digital inputs high is similar to Figure 2 however, the “ON” switches are now on terminal OUT1, hence the 120 pF appears at that terminal. Figure 2. AD7524 DAC Equivalent Circuit—All Digital Inputs Low INTERFACE LOGIC INFORMATION MODE SELECTION AD7524 mode selection is controlled by the CS and WR inputs. |
Numéro de pièce similaire - AD7524JNZ |
|
Description similaire - AD7524JNZ |