Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1T45FZ4 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce 74LVC1T45FZ4
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45FZ4 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1T45FZ4 Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 9Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 10Page - Diodes Incorporated 74LVC1T45FZ4 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
7 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Switching Characteristics (cont.) (VCC (A) = 3.3V ± 0.3V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B) = 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.1
15.5
1.4
8
0.7
5.8
0.7
4.4
ns
tpHL
2
12.6
1.3
7
0.8
5
0.7
4
tpLH
B
A
1.7
8.3
1.3
6.4
0.7
5.8
0.6
5.4
ns
tpHL
1.8
7.1
1.3
5.4
0.8
5
0.7
4.5
tpHZ
DIR
A
2.9
7.3
3
7.3
2.8
7.3
3.4
7.3
ns
tpLZ
1.8
5.6
1.6
5.6
2.2
5.7
2.2
5.7
tpHZ
DIR
B
4.0
20.5
3.5
10.1
2.9
8.8
2.4
6.8
ns
tpLZ
3.3
14.5
2.9
7.8
2.4
7.1
1.7
4.9
tpZH
DIR
A
22.8
14.2
12.9
10.3
ns
tpZL
27.6
15.5
13.8
11.3
tpZH
DIR
B
21.1
13.6
11.5
10.1
ns
tpZL
19.9
14.3
12.3
11.3
Switching Characteristics (cont.) (VCC (A) = 5V ± 0.5V, TA = -40°C to +85°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
VCC(B)= 5V
±0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
1.9
15.1
1
7.5
0.6
5.4
0.5
3.9
ns
tpHL
1.8
12.2
0.9
6.2
0.7
4.5
0.5
3.5
tpLH
B
A
1.4
8.5
1
5.1
0.7
4.4
0.5
3.9
ns
tpHL
1.7
8.5
0.9
4.6
0.7
4
0.5
3.5
tpHZ
DIR
A
2.1
5.4
2.2
5.4
2.2
5.5
2.2
5.4
ns
tpLZ
0.9
3.8
1
3.8
1
3.7
0.9
3.7
tpHZ
DIR
B
4.8
20.2
2.5
9.8
1
8.5
2.2
6.5
ns
tpLZ
4.2
14.8
2.5
7.4
2.5
7
1.6
4.5
tpZH
DIR
A
22
12.5
11.4
8.4
ns
tpZL
27.2
14.4
12.5
10
tpZH
DIR
B
18.9
11.3
9.1
7.6
ns
Operating Characteristics (TA = +25°C, unless otherwise specified.)
Parameter
Power Dissipation Capacitance
Test
Conditions
VCC(A) =
VCC(B) = 1.8V
VCC(A) =
VCC(B) = 2.5V
VCC(A) =
VCC(B) = 3.3V
VCC(A) =
VCC(B) = 5V
Unit
Typ
Typ
Typ
Typ
Cpd (A)
A- input, B- output
CL = 0 pF
f = 10 MHz
tr = tf = 1 ns
3
4
4
4
pF
B- input, A- output
18
19
20
21
Cpd (B)
A- input, B- output
CL = 0 pF
f = 10 MHz
tr = tf = 1 ns
18
19
20
21
pF
B- input, A- output
3
4
4
4


Numéro de pièce similaire - 74LVC1T45FZ4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
logo
Nexperia B.V. All right...
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45GF PHILIPS-74LVC1T45GF Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
More results

Description similaire - 74LVC1T45FZ4

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
   SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
   Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com