Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT594S16-13 Fiches technique(PDF) 11 Page - Diodes Incorporated

No de pièce 74HCT594S16-13
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT594S16-13 Fiches technique(HTML) 11 Page - Diodes Incorporated

Back Button 74HCT594S16-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 8Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 9Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 10Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 11Page - Diodes Incorporated 74HCT594S16-13 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
74HCT594
Document number: DS35491 Rev. 2 - 2
11 of 12
www.diodes.com
June 2013
© Diodes Incorporated
74HCT594
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Package Type: SO-16
Package Type: TSSOP-16
Dimensions
Value (in mm)
C
1.270
X
0.670
X1
9.560
Y
1.450
Y1
6.400
Dimensions
Value (in mm)
C
0.650
X
0.350
X1
4.900
Y
1.400
Y1
6.800
X1
X
C
Y
Y1
Pin 1
X1
Y (16x)
Y1
X (16x)
1
C


Numéro de pièce similaire - 74HCT594S16-13

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT594 PHILIPS-74HCT594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HCT594 NXP-74HCT594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HCT594 NEXPERIA-74HCT594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HCT594D PHILIPS-74HCT594D Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HCT594D NXP-74HCT594D Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results

Description similaire - 74HCT594S16-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com