Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60502DGSR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60502DGSR
Description  HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60502DGSR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS60502DGSR Datasheet HTML 7Page - Texas Instruments TPS60502DGSR Datasheet HTML 8Page - Texas Instruments TPS60502DGSR Datasheet HTML 9Page - Texas Instruments TPS60502DGSR Datasheet HTML 10Page - Texas Instruments TPS60502DGSR Datasheet HTML 11Page - Texas Instruments TPS60502DGSR Datasheet HTML 12Page - Texas Instruments TPS60502DGSR Datasheet HTML 13Page - Texas Instruments TPS60502DGSR Datasheet HTML 14Page - Texas Instruments TPS60502DGSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS60500, TPS60501
TPS60502, TPS60503
SLVS391B − OCTOBER 2001 − REVISED FEBRUARY 2002
11
www.ti.com
PRINCIPLES OF OPERATION
0.5x conversion mode
This conversion mode is internally selected if the input to output voltage ratio is greater than two (e.g. 3.6 V to
1.5 V conversion). In the 0.5x mode, the flying capacitors and the switches always work in parallel, which
reduces the resistance of the circuit compared to the other modes. In the first cycle, the flying capacitors are
charged in series with the output capacitors. In the second cycle, the flying capacitors are connected in parallel
with the output capacitor, which discharges the flying capacitors.
C1F
C2F
SW1
SW2
SW3
SW4
SW9
SW5
SW6
SW7
SW8
++
+
VIN
OUT
Co
SW1
SW2
SW3
SW4
SW9
SW5
SW6
SW7
SW8
++
+
VIN
OUT
Co
C1F
C2F
Phase 1: Charging of Flying Caps
Phase 2: Discharging of Flying Caps
Figure 24.
0.5x Conversion Mode
1/3x conversion mode
This mode was implemented to provide high efficiency even with an input to output voltage ratio greater than
three (e.g. 5 V to 1.5 V conversion). In the first cycle, the two flying capacitors are charged in series with the
output capacitor. In the next step, the flying capacitors which are charged to VIN/3, are connected in parallel
to the output capacitor.
SW1
SW2
SW3
SW4
SW9
SW5
SW6
SW7
SW8
++
+
VIN
OUT
Co
SW1
SW2
SW3
SW4
SW9
SW5
SW6
SW7
SW8
++
+
VIN
OUT
Co
C1F
C2F
C1F
C2F
Phase 1: Charging of Flying Caps
Phase 2: Discharging of Flying Caps
Figure 25.
1/3x Conversion Mode


Numéro de pièce similaire - TPS60502DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60502DGS TI-TPS60502DGS Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
More results

Description similaire - TPS60502DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60500 TI-TPS60500 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60500 TI-TPS60500_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com