Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAZ24-TP Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce SMAZ24-TP
Description  Halogen free available upon request by adding suffix "-HF" 1.0W Power Dissipation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAZ24-TP Fiches technique(HTML) 3 Page - Micro Commercial Components

  SMAZ24-TP Datasheet HTML 1Page - Micro Commercial Components SMAZ24-TP Datasheet HTML 2Page - Micro Commercial Components SMAZ24-TP Datasheet HTML 3Page - Micro Commercial Components SMAZ24-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMAZ5V1 - SMAZ39
MCC
TM
Micro Commercial Components
0.001
0.01
0.1
1
10
100
1000
2000
1
10
100
500
V , ZENER REGULATION VOLTAGE (V)
ZT
Fig. 4 Leakage Current vs Regulation Voltage
T = 125
°C
j
0.1
1
10
100
1000
1
10
100
500
V , ZENER REGULATION VOLTAGE (V)
ZT
Fig. 5 Differential Resistance vs Regulation Voltage
I
= 5.0mA
ZT
I
= 20mA
ZT
I
= 100m
ZT
A
I
= 10mA
ZT
0
10
100
1000
1
10
100
200
V , REVERSE VOLTAGE (V)
R
Fig. 2 Junction Capacitance vs Reverse Voltage
SMAZ5V6
SMAZ27
SMAZ12
0.1
1
10
20
0
0.5
1.0
1.5
2.0
2.5
V
, PEAK FORWARD VOLTAGE (V)
FM
Fig. 3 Peak Forward Current vs Peak Forward Voltage
T= 25
°C
j
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
175
T , AMBIENT TEMPERATURE
°C
A
Fig. 1 Power Dissipation vs Ambient Temperature
www.mccsemi.com
3 of 4
Revision: C
2013/04/26


Numéro de pièce similaire - SMAZ24-TP

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAZ24-13 DIODES-SMAZ24-13 Datasheet
129Kb / 5P
   1.0W Power Dissipation
SMAZ24-13-F DIODES-SMAZ24-13-F Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com