Moteur de recherche de fiches techniques de composants électroniques |
|
CSTCC Fiches technique(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
CSTCC Fiches technique(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 45 page 1.2 1.2 2.5 2.5 1.4 1.2 1.2 Land Pattern (in mm) c Standard Land Pattern Dimensions CSTCC_G_A 0.8 0.4 1.5 1.5 0.4 0.4 0.8 0.8 0.7 0.7 Land Pattern (in mm) CSTCR_G_B 0.4 0.4 0.4 0.8 Land Pattern 0.8 1.2 1.2 (in mm) CSTCE_G_A 0.4 0.4 0.4 0.8 Land Pattern 0.8 1.2 1.2 (in mm) 0.5 1.1 0.5 1.1 0.5 1.6 1.6 Land Pattern (in mm) CSTCV_X_Q 0.5 1.1 0.5 1.1 0.5 1.6 1.6 Land Pattern (in mm) CSACV_X_Q P16E.pdf Nov.22,2012 9 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 2 CSTCE_V_C (* This Land Pattern is not common to CSTCE_V.) |
Numéro de pièce similaire - CSTCC |
|
Description similaire - CSTCC |