Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTCW_X11 Fiches technique(PDF) 10 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTCW_X11
Description  Ceramic Resonators (CERALOCK)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCW_X11 Fiches technique(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCW_X11 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCW_X11 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Continued from the preceding page.
M
3.7±0.2
1.3±0.1
(0.5)
(3)
0.4±0.2
0.5±0.3
0.5±0.3
0.5±0.3
0.4±0.2
0.5±0.2
(0.5)
(1)
(0.5)
(2)
1.6±0.2
1.85±0.3
1.6±0.2
Terminals (1) and (3) are
interchangeable.
Terminal (2) should be soldered
only to fix the resonator onto PCB
Terminal (2) should be electrically
floating so it cannot be connected
anywhere.
(in mm)
Thickness varies
with frequency.
∗: EIAJ Monthly Code
CSACV_X_Q
20.01-70.00MHz
M
3.7±0.2
1.3±0.1
(0.7)
(3)
0.4±0.2
0.5±0.3
0.5±0.3
0.5±0.3
0.4±0.2
0.5±0.2
(0.7)
(1)
(0.9)
(2)
1.6±0.2
1.85±0.3
1.6±0.2
(in mm)
Thickness varies
with frequency and
built-in capacitance.
∗: EIAJ code
CSTCV_X_Q
20.01-70.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(°C)
CSTCC_G_A
2.00 to 3.99
±0.5%
±0.4 [-0.6% to +0.3%:Built-in Capacitance 47pF type within Freq.2.00 to 3.49MHz]
-40 to 125
CSTCR_G_B
4.00 to 7.99
±0.5%
±0.15
-40 to 125
CSTCE_G_A
8.00 to 13.99
±0.5%
±0.2
-40 to 125
CSTCE_V_C
14.00 to 20.00
±0.5%
±0.15
-40 to 125
CSACV_X_Q
20.01 to 70.00
±0.5%
±0.3
-40 to 125
CSTCV_X_Q
20.01 to 70.00
±0.5%
±0.3
-40 to 125
Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
Rf
Rd
VDD
C1
C2
To Frequency Counter
(1)
(3)
(2)
c Oscillation Frequency Measuring Circuit
CSTCC_G_A
VDD
Rf
To Frequency Counter
5pF
1M
Ω
Rd
C1
C2
(1)
(3)
(2)
CSTCE_G_A/CSTCE_V_C/CSTCR_G_B/CSTCV_X_Q
VDD
Rf
CL1
CL2
To Frequency Counter
22μF
0.01μF
+
CSACV_X_Q
P16E.pdf
Nov.22,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2


Numéro de pièce similaire - CSTCW_X11

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTCW16M9X51008-R0 MURATA-CSTCW16M9X51008-R0 Datasheet
191Kb / 3P
   no adjustment is necessary for oscillation circuits
logo
Murata Manufacturing Co...
CSTCW16M9X51008-R0 MURATA1-CSTCW16M9X51008-R0 Datasheet
318Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
CSTCW16M9X51008-R0 MURATA1-CSTCW16M9X51008-R0_V01 Datasheet
318Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
logo
Murata Manufacturing Co...
CSTCW16M9X53008-R0 MURATA-CSTCW16M9X53008-R0 Datasheet
202Kb / 3P
   no adjustment is necessary for oscillation circuits
logo
Murata Manufacturing Co...
CSTCW16M9X53008-R0 MURATA1-CSTCW16M9X53008-R0 Datasheet
318Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
More results

Description similaire - CSTCW_X11

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTLS8M00G53-A0 MURATA-CSTLS8M00G53-A0 Datasheet
728Kb / 32P
   Ceramic Resonator (CERALOCK)
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com