Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTCW_X Fiches technique(PDF) 9 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTCW_X
Description  Ceramic Resonators (CERALOCK)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCW_X Fiches technique(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCW_X Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCW_X Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Ceramic Resonators (CERALOCK
r)
MHz Chip Type -Standard Frequency Tolerance for Automotive-
Chip type CERALOCK(R) with built-in load capacitors
provides high accuracy in an extremely small package.
MURATA's frequency adjustment and package technology
expertise has enabled the development of the chip
CERALOCK(R) with built-in load capacitors.
This diverse series owes its development to MURATA's
original mass production techniques and high reliability,
and has achieved importance in the worldwide automotive
market.
c Features
1. The series has high reliability and is available
for a wide temperature range.
2. Oscillation circuits do not require external load
capacitors.
3. The series is available in a wide frequency range.
4. The resonators are extremely small and have a low
profile.
5. No adjustment is necessary for oscillation circuits.
c Applications
1. Cluster panel and Control panel
2. Safety control
(Anti-lock Brake System, Electronic Stability
Control, Airbag, etc.)
3. Engine ECU, Electronic Power Steering, Immobilizer,
etc.
4. Car Air conditioner, Power Window, Remote Keyless
Entry system, etc.
5. Electronic Toll Collection system, Car Navigation,
etc.
0.45
(Ref.)
1.2±0.2
6.6 max.
(3)
(2)
(1)
0.3±0.3
0.5±0.05
2.5±0.1
2.5±0.1
1.1±0.1
7.2±0.2
: EIAJ code
t : 1.75±0.05
(2.00—2.99MHz)
t : 1.55±0.05
(3.00MHz—)
1.4±0.2
1.2±0.2
0.45
(Ref.)
0.45
(Ref.)
(in mm)
CSTCC_G_A
2.00-3.99MHz
4.5±0.1
4.1 max.
0.8±0.1
0.75±0.1 1.5±0.1
1.5±0.1
0.4±0.1
0.4±0.1
0.4±0.1
0.8±0.1
0.8±0.1
0.4 (ref.)
0.4 (ref.)
0.4 (ref.)
0.4±0.05
0.2±0.2
(2)
(1)
(3)
∗ : EIAJ Monthly
Code
(in mm)
CSTCR_G_B
4.00-7.99MHz
3.2±0.15
0.50 (ref.)
0.50 (ref.)
0.50 (ref.)
3.0 max.
0.4±0.1
0.4±0.1
1.2±0.1 1.2±0.1
(1)
(2)
(3)
0.1±0.1
0.4±0.1
0.4±0.1 0.4±0.1
(in mm)
CSTCE_G_A
8.00-13.99MHz
3.2±0.15
0.1±0.1
0.4±0.1
0.5 (ref.)
0.5 (ref.)
3.0 max.
0.4±0.1
(1)
(2)
(3)
0.4±0.1
1.2±0.1 1.2±0.1
0.4±0.1
0.4±0.1
0.5 (ref.)
(in mm)
: EIAJ Monthly
Code
CSTCE_V_C
14.00-20.00MHz
Continued on the following page.
P16E.pdf
Nov.22,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2


Numéro de pièce similaire - CSTCW_X

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTCW16M9X51008-R0 MURATA-CSTCW16M9X51008-R0 Datasheet
191Kb / 3P
   no adjustment is necessary for oscillation circuits
logo
Murata Manufacturing Co...
CSTCW16M9X51008-R0 MURATA1-CSTCW16M9X51008-R0 Datasheet
318Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
CSTCW16M9X51008-R0 MURATA1-CSTCW16M9X51008-R0_V01 Datasheet
318Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
logo
Murata Manufacturing Co...
CSTCW16M9X53008-R0 MURATA-CSTCW16M9X53008-R0 Datasheet
202Kb / 3P
   no adjustment is necessary for oscillation circuits
logo
Murata Manufacturing Co...
CSTCW16M9X53008-R0 MURATA1-CSTCW16M9X53008-R0 Datasheet
318Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
More results

Description similaire - CSTCW_X

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTLS8M00G53-A0 MURATA-CSTLS8M00G53-A0 Datasheet
728Kb / 32P
   Ceramic Resonator (CERALOCK)
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com