Moteur de recherche de fiches techniques de composants électroniques |
|
DLW5BTN251SQ2K Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN251SQ2K Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page 1 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 1 Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type for Large Current 2012.3.1 oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design. Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size) c Dimensions (L) 5.0±0.3 3.6±0.3 (W) 5.0±0.3 0.5 min. (2) (1) (4) (3) 1.3±0.3 0.9±0.3 * The marking to indicate the product direction can be applicable. (Optional) (in mm) : Electrode Polarity Marking c Impedance-Frequency Characteristics (Main Items) Frequency (MHz) 1 10 100 1000 10000 1 10 100 1000 Common mode DLW5BTN101SQ2 DLW5BTN251SQ2 DLW5BTN501SQ2 DLW5BTN102SQ2 DLW5BTN142SQ2 DLW5BTN101SQ2 DLW5BTN251SQ2 DLW5BTN501SQ2 DLW5BTN102SQ2 DLW5BTN142SQ2 Differential mode c Equivalent Circuit (1) (4) (2) (3) No polarity. c Packaging Code Packaging Minimum Quantity L 180mm Embossed Tape 700 K 330mm Embossed Tape 2500 B Bulk(Bag) 100 c Rated Value (p: packaging code) Part Number Common Mode Impedance (at 100MHz/20°C) Rated Current Rated Voltage Insulation Resistance (min.) Withstand Voltage DC Resistance Operating Temperature Range DLW5BTN101SQ2 p 100ohm (Typ.) 6000mA 50Vdc 10M ohm 125Vdc 0.009ohm±40% -40 to +85°C DLW5BTN251SQ2 p 250ohm (Typ.) 5000mA 50Vdc 10M ohm 125Vdc 0.014ohm±40% -40 to +85°C DLW5BTN501SQ2 p 500ohm (Typ.) 4000mA 50Vdc 10M ohm 125Vdc 0.019ohm±40% -40 to +85°C DLW5BTN102SQ2 p 1000ohm (Typ.) 2000mA 50Vdc 10M ohm 125Vdc 0.024ohm±40% -40 to +85°C DLW5BTN142SQ2 p 1400ohm (Typ.) 1500mA 50Vdc 10M ohm 125Vdc 0.040ohm±40% -40 to +85°C Number of Circuit: 1 Continued on the following page. |
Numéro de pièce similaire - DLW5BTN251SQ2K |
|
Description similaire - DLW5BTN251SQ2K |