Moteur de recherche de fiches techniques de composants électroniques |
|
CSTLS_X Fiches technique(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
CSTLS_X Fiches technique(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 45 page Application Circuits Utilization H1 0.1μF 74 72 L IC : TMP92CD54IF Vcc3=3.3V CERALOCK r C1 C2 CERALOCK r: CSTCE10M0G15Cpp-R0 C1=33pF (Typ.) C2=33pF (Typ.) H2 Vcc5=5.0V V2 V1 H1: 36, 68, 86 H2: 2, 4, 15, 40, 50, 61, 75 L: 1, 3, 13, 38, 51, 63, 73, 88 c TMP92CD54IF (Toshiba) 16-bit Microcomputer H 0.1μF 28 27 L 26 IC : MB90F387 Vcc=5.0V CERALOCK r C1 C2 CERALOCK r: CSTCE8M00G15Cpp-R0 C1=33pF (Typ.) C2=33pF (Typ.) V2 V1 H: 1, 2, 21, 22, 24 L: 20, 23, 25, 48 c MB90F387 (Fujitsu) 16-bit Microcomputer 59 58 GND EVALUATION BOARD IC : MC68HC908AZ60AVFU Vdd=5.0V CERALOCK r: CSTCE16M0V13Cpp-R0 C1=15pF (Typ.) C2=15pF (Typ.) CERALOCK r C1 C2 V2 V1 1M Ω c MC68HC908AZ60AVFU (Freescale) 8-bit Microcomputer H60 12 L IC : ST72F561 (HS) Vdd=5.0V H: 9, 25, 41, 57, 58 L: 8, 24, 40, 55, 56 CERALOCK r C1 C2 CERALOCK r: CSTCE8M00G15App-R0 C1=33pF (Typ.) C2=33pF (Typ.) V2 V1 c ST72F561 (HS) (ST Microelectronics) 8-bit Microcomputer H14 12 13 L 10 4.7μF IC : μPD70F3283YGC Vdd=3.3V 10k Ω H: 1, 5, 9, 34, 70 L: 2, 8, 11, 15, 33, 69 CERALOCK r C1 C2 CERALOCK r: CSTCE10M0G15Cpp-R0 C1=33pF (Typ.) C2=33pF (Typ.) V2 V1 c µPD70F3283YGC (Renesas) 32-bit Microcomputer H19 22 20 L IC : M30842MCT-XXXGP (High*) H: 23, 24, 37, 39, 59, 74, 91, 118, 122, 132, 142, 143 L: 15, 16, 21, 36, 41, 57, 76, 93, 110~113, 120, 121, 130, 140 CERALOCK r C1 C2 CERALOCK r: CSTCE8M00G15Cpp-R0 C1=33pF (Typ.) C2=33pF (Typ.) V2 V1 Vcc=5.0V *High: XIN-XOUT Drive Capacity Select Bit c M30842MCT-XXXGP (Renesas) 16-bit Microcomputer P16E.pdf Nov.22,2012 6 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 |
Numéro de pièce similaire - CSTLS_X |
|
Description similaire - CSTLS_X |