Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA10N80 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQA10N80
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQA10N80 Datasheet HTML 1Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 2Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 3Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 4Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 5Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 6Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 7Page - Fairchild Semiconductor FQA10N80 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. A, September 2000
©2000 Fairchild Semiconductor International
0.2
0.4
0.6
0.8
1.0
1.2
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
5
10
15
20
25
30
0.4
0.8
1.2
1.6
2.0
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
2
468
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
※ Notes :
1. V
DS = 50V
2. 250μs Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0
1020
304050
60
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
※ Note : I
D
= 9.8A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
400
800
1200
1600
2000
2400
2800
3200
3600
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Numéro de pièce similaire - FQA10N80

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA10N80 FAIRCHILD-FQA10N80 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
619Kb / 8P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
799Kb / 9P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
806Kb / 8P
   800V N-Channel MOSFET
More results

Description similaire - FQA10N80

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com