Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM0603GC Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce SM0603GC
Description  SURFACE MOUNT LED
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM0603GC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SM0603GC Datenblatt HTML 1Page - List of Unclassifed Manufacturers SM0603GC Datenblatt HTML 2Page - List of Unclassifed Manufacturers SM0603GC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM0603GC Datenblatt HTML 4Page - List of Unclassifed Manufacturers SM0603GC Datenblatt HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 3 of 5
Bivar reserves the right to make changes at any time without notice.
Typical Electrical / Optical Characteristics
TA = 25°C unless otherwise noted
SURFACE MOUNT LED
GREEN, 0603 PACKAGE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn