Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA10358FV-E2 Fiches technique(PDF) 3 Page - Rohm

No de pièce BA10358FV-E2
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA10358FV-E2 Fiches technique(HTML) 3 Page - Rohm

  BA10358FV-E2 Datasheet HTML 1Page - Rohm BA10358FV-E2 Datasheet HTML 2Page - Rohm BA10358FV-E2 Datasheet HTML 3Page - Rohm BA10358FV-E2 Datasheet HTML 4Page - Rohm BA10358FV-E2 Datasheet HTML 5Page - Rohm BA10358FV-E2 Datasheet HTML 6Page - Rohm BA10358FV-E2 Datasheet HTML 7Page - Rohm BA10358FV-E2 Datasheet HTML 8Page - Rohm BA10358FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
3/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○BA10324A family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA10324A F/FV
Min.
Typ.
Max.
Input Offset Voltage
(*4)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Input Offset Current
(*4)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
Input Bias Current
(*5)
Ib
25℃
-
20
250
nA
VOUT=1.4[V]
Supply Current
ICC
25℃
-
0.6
2
mA
RL=
∞ All Op-Amps
High Level Output Voltage
VOH
25℃
3.5
-
-
V
RL=2[k
Ω]
Low Level Output Voltage
VOL
25℃
-
-
250
mV
RL=
∞ All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV
RL≧2[k
Ω],VCC=15[V],
VOUT=1.4~11.4[V]
Input Common-mode Voltage range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
65
75
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output Source Current
IOH
25℃
20
35
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=0[V],
1CH is short circuit
Output Sink Current
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V],
VOUT=5[V]
1CH is short circuit
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
(*4)
bsolute value
(*5)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Numéro de pièce similaire - BA10358FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

Description similaire - BA10358FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com