Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-EL1A-Z1LDD Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-EL1A-Z1LDD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL1A-Z1LDD Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL1A-Z1LDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
0.1
1
10
-40
-20
0
20
40
60
80
100
120
140
TJ-JUNCTION TEMPERATURE - °C
Red
Amber
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-40
-20
0
20
40
60
80
100
120
140
TJ - JUNCTION TEMPERATURE - °C
Red
Amber
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT-DEGREE
Figure 7. Radiation Pattern for 30° Viewing Angle Lamp
Relative Forward Voltage vs Junction Temperature
Relative Light Output vs Junction Temperature


Numéro de pièce similaire - HLMP-EL1A-Z1LDD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EL1A-Z1LDD BOARDCOM-HLMP-EL1A-Z1LDD Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Description similaire - HLMP-EL1A-Z1LDD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com