Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-EGXX Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-EGXX
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EGXX Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EGXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EGXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Electrical / Optical Characteristics
TJ = 25°C
Parameter
Symbol
Min
Typ.
Max
Units
Test Conditions
Forward Voltage
Amber
Red
VF
.8
.8
2.
2.
2.4
2.4
V
IF = 20 mA
Reverse Voltage
VR
5
V
IR = 00 μA
Dominant Wavelength []
Amber
Red
ld
584.5
68.0
590.0
626.0
594.5
630.0
nm
IF = 20 mA
Peak Wavelength
Amber
Red
lPEAK
594
634
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Spectral Halfwidth
Amber
Red
Δl/2
3
4
nm
IF = 20 mA
Thermal resistance
RqJ-PIN
240
°C/W
LED junction to anode lead
Luminous Efficacy [2]
Amber
Red
ηv
500
200
lm/W
Emitted Luminous Flux/Emitted
Radiant Flux
Luminous Flux
Amber
Red
Φv
2000
900
mlm
IF = 20 mA
Luminous Efficiency [3]
Amber
Red
ηe
47
45
lm/W
Emitted Luminous Flux/Electrical
Power
Thermal coefficient of ld
Amber
Red
0.08
0.05
nm/°C
IF = 20 mA ; +25°C ≤ TJ ≤ +00°C
Notes:
. The dominant wavelength, λd is derived from the CIE Chromaticity Diagram referenced to Illuminant E. Tolerance for each color of dominant
wavelength is +/- 0.5nm.
2. The radiant intensity, Ie in watts per steradian, maybe found from the equation Ie = Iv / ηV where Iv is the luminous intensity in candela and ηV is
the luminous efficacy in lumens/ watt.
3. ηe = Φv /IF x VF where Φv is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.
Absolute Maximum Ratings
TJ = 25°C
Parameter
Red/Amber
Unit
DC Forward Current [2]
50
mA
Peak Forward Current
00 []
mA
Average forward current
30
mA
Power Dissipation
20
mW
Reverse Voltage
5
V
Operating Temperature Range
-40 to +00
°C
Storage Temperature Range
-40 to +00
°C
Notes:
. Duty Factor 30%, frequency KHz.
2. Derate linearly as shown in Figure 4


Numéro de pièce similaire - HLMP-EGXX

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

Description similaire - HLMP-EGXX

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com