Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMS6413 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FMS6413
Description  Single Channel Video Driver with Integrated Filter and Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6413 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FMS6413 Datasheet HTML 1Page - Fairchild Semiconductor FMS6413 Datasheet HTML 2Page - Fairchild Semiconductor FMS6413 Datasheet HTML 3Page - Fairchild Semiconductor FMS6413 Datasheet HTML 4Page - Fairchild Semiconductor FMS6413 Datasheet HTML 5Page - Fairchild Semiconductor FMS6413 Datasheet HTML 6Page - Fairchild Semiconductor FMS6413 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FMS6413
REV. 1.0.2 6/27/02
5
Electrical Characteristics
1Vp-p signal at room temperature
Notes:
1. Peaking capacitor increases video output at 4.2MHz nominally by 0.7dB
2. Sustained short circuit protection limited to 10 seconds
Video Characteristics - Unless otherwise noted, typical output loading on video output is 150
Ω.
Symbol
Parameter
Condition
VCC_VIDEO=+5.0V ±5%
Min
Typ
Max
Units
AV
Low Frequency Gain (VIDEO_OUT)
at 400KHz
6.0
dB
VIDEO_OUT Output Level (During
Sync)
Sync Present on YIN
1.0
V
tCLAMP
Clamp Response Time
Settled to Within 10mV,0.1µF cap
on VIDEO_IN
5ms
f1dB
–1.0dB Bandwidth (Flatness)
(VIDEO_OUT)
No Peaking Cap (Note 1)
4.0
4.5
MHz
fC
–3dB Bandwidth (Flatness)
(VIDEO_OUT)
6.7
7.1
MHz
fSB
Stopband Rejection (VIDEO_OUT)
fIN = 27MHz to 100MHz worst
case
-37
-42
dB
Vi
Input Signal Dynamic Range
AC Coupled
1.3
1.4
VP-P
ISC
Output Short Circuit Current
(All Channels)
VIDEO_OUT to GND
40
80
mA
CL
Output Shunt Capacitance
VIDEO_OUT
35
pF
dG
Differential Gain
VIDEO_OUT
0.4
%
dP
Differential Phase
VIDEO_OUT
0.4
°
THD
Output Distortion (All Channels)
VIDEO_OUT = 1.8VP-P at 3.58/
4.43MHz
0.8
%
PSRR
PSRR (All Channels)
0.5VP-P (100kHz) at VCC
-40
dB
SNR
NTC-7 weighting 4.2 MHz lowpass
-75
dB
tpd
Group Delay
100kHz
70
ns
∆tpd
Group Delay Deviation from
Flatness
to 3.58MHz (NTSC)
9
ns
to 4.43MHz (PAL)
7
ns


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FMS6400-1 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6410B Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
AS8218 Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller RTC Programmable Multi-Purpose I/Os and LCD Driver 1  2  ams AG
CLC030 SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
FMS6417 Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1  2  3  4  5  More Fairchild Semiconductor
LM2453 Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking 1  2  3  4  5  More National Semiconductor (TI)
ADA4410-6 Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1  2  3  4  5  More Analog Devices
FMS6400 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6366 Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y C and Composite Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn