Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMS6410 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FMS6410
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6410 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FMS6410 Datasheet HTML 1Page - Fairchild Semiconductor FMS6410 Datasheet HTML 2Page - Fairchild Semiconductor FMS6410 Datasheet HTML 3Page - Fairchild Semiconductor FMS6410 Datasheet HTML 4Page - Fairchild Semiconductor FMS6410 Datasheet HTML 5Page - Fairchild Semiconductor FMS6410 Datasheet HTML 6Page - Fairchild Semiconductor FMS6410 Datasheet HTML 7Page - Fairchild Semiconductor FMS6410 Datasheet HTML 8Page - Fairchild Semiconductor FMS6410 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FMS6410
PRODUCT SPECIFICATION
6
REV. 0.0.2 9/3/02
Absolute Maximum Ratings (beyond which the device may be damaged)
Note: Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min
Max
Units
DC Supply Voltage
-0.3
+7.0
V
Analog I/O
GND-0.3
VCC+0.3
V
Output Current (Continuous)
CV Channel
60
mA
Y and C Channels
30
mA
Junction Temperature
150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
260
°C
Thermal Resistance (
ΘJA)
115
°C/W
Parameter
Min
Typ
Max
Units
Temperature Range
0
70
°C
VCC_VIDEO Range
4.75
5.0
5.25
V
ICC (+5 VDC), AC Coupled Outputs
60
85
mA
Electrical Characteristics 1Vp-p input signal at room temperature
Video Characteristics - Unless otherwise noted, typical output loading on video output is 150
Ω.
Symbol
Parameter
Condition
VCC_VIDEO=+5.0V+/-5%
Min
Typ
Max Units
AVYC
Low Frequency Gain (YOUT, COUT)
at 400kHz
5.75
6.0
6.25
dB
AVCV
Low Frequency Gain (CVOUT)
at 400kHz
5.55
5.9
6.25
dB
YSYNC
YOUT Output Level (During Sync)
Sync Present on YIN
0.75
1.0
1.25
V
CSYNC
COUT Output Level (During Sync)
Sync Present on YIN
1.6
2.0
2.4
V
CVSYNC
CVOUT Output Level (During Sync)
Sync Present on YIN
0.75
1.0
1.25
V
tCLAMP
Clamp Response Time (Y Channel)
Settled to within 10mV, 0.1µF cap
on YIN and CIN
59
ms
f1dB
–1.0dB Bandwidth (Flatness)
(YOUT, COUT, and CVOUT)
No Peaking Cap (Note 1)
4.0
4.5
MHz
fC
–3dB Bandwidth (Flatness)
(YOUT, COUT, and CVOUT)
6.7
7.1
MHz
fSB
Stopband Rejection
(YOUT, COUT, and CVOUT)
fIN = 27MHz
-37
-42
dB
Vi
Input Signal Dynamic Range
AC Coupled (All Channels)
1.3
1.4
VP-P
ISC
Output Short Circuit Current (Note 2)
YOUT, COUT, CVOUT to GND
40
80
mA
CL
Output Shunt Capacitance
All Channels
35
pF
dG
Differential Gain (Note 3)
YOUT, COUT, and CVOUT
0.4
1
%
dP
Differential Phase (Note 3)
YOUT, COUT, and CVOUT
0.4
1
°
THD
Output Distortion (All Channels)(Note 3) YOUT / COUT = 1.8VP-P at
3.58 / 4.43MHz
0.1
0.5
%


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn