Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMS6410 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FMS6410
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6410 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FMS6410 Datasheet HTML 1Page - Fairchild Semiconductor FMS6410 Datasheet HTML 2Page - Fairchild Semiconductor FMS6410 Datasheet HTML 3Page - Fairchild Semiconductor FMS6410 Datasheet HTML 4Page - Fairchild Semiconductor FMS6410 Datasheet HTML 5Page - Fairchild Semiconductor FMS6410 Datasheet HTML 6Page - Fairchild Semiconductor FMS6410 Datasheet HTML 7Page - Fairchild Semiconductor FMS6410 Datasheet HTML 8Page - Fairchild Semiconductor FMS6410 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FMS6410
PRODUCT SPECIFICATION
4
REV. 0.0.2 9/3/02
Typical Applications
Figure 1. Typical Configuration
Figure 2. One Input to Four Output Distribution Amplifier Configuration
YIN
1
NC (Reserved)
2
3
GND_VIDEO
4 CIN
YOUT
VCC_VIDEO
CVOUT
COUT
8
7
6
5
FMS6410
SYNC STRIP, REF,
AND TIMING
gM
6dB
YOUT
YIN
75
75
220
µF
Video Cable
Video Cable
Video Cable
+5.0V
1V
1V
6dB
CIN
0.1
µF
0.1
µF
COUT
0.1
µF
0.1
µF1µF
220
µF
CVOUT
75
75
75
75
gM
YIN
YIN
1
NC (Reserved)
2
3
GND_VIDEO
4 CIN
YOUT
VCC_VIDEO
CVOUT
COUT
8
7
6
5
FMS6410
SYNC STRIP, REF,
AND TIMING
gM
6dB
YOUT
75
75
220
µF
Video Cable
Video Cable
Video Cable
+5.0V
1V
1V
6dB
0.1
µF
YOUT
0.1
µF1µF
220
µF
220
µF
YOUT
YOUT
75
75
220
µF
Video Cable
75
75
75
75
gM


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn